Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D156X0016B2T Datasheet(PDF) 10 Page - Texas Instruments

Part # 595D156X0016B2T
Description  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

595D156X0016B2T Datasheet(HTML) 10 Page - Texas Instruments

Back Button 595D156X0016B2T Datasheet HTML 6Page - Texas Instruments 595D156X0016B2T Datasheet HTML 7Page - Texas Instruments 595D156X0016B2T Datasheet HTML 8Page - Texas Instruments 595D156X0016B2T Datasheet HTML 9Page - Texas Instruments 595D156X0016B2T Datasheet HTML 10Page - Texas Instruments 595D156X0016B2T Datasheet HTML 11Page - Texas Instruments 595D156X0016B2T Datasheet HTML 12Page - Texas Instruments 595D156X0016B2T Datasheet HTML 13Page - Texas Instruments 595D156X0016B2T Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
operating principle
The TPS60111 charge pump provides a regulated 5-V output from a 2.7-V to 5.4-V input. It delivers a maximum
load current of 150 mA. Designed specifically for space critical battery powered applications, the complete
charge pump circuit requires only four external capacitors. The circuit can be optimized for highest efficiency
at light loads or lowest output noise. The TPS60111 consists of an oscillator, a 1.22-V bandgap reference, an
internal resistive feedback circuit, an error amplifier, high current MOSFET switches, a shutdown/start-up
circuit, and a control circuit (Figure 25).
C1+
C1−
ENABLE
OUT
FB
0
°
180
°
PGND
C1F
IN
CHARGE PUMP 2
C2+
C2−
OUT
PGND
C2F
IN
T22
T21
OSCILLATOR
GND
SKIP
COM
CLK
VREF −+
+
CONTROL
CIRCUIT
0.8
× VIN
+
+
SHUTDOWN/
START-UP
CONTROL
SYNC
T11
T12
T13
T14
T24
T23
CHARGE PUMP 1
Figure 25. Functional Block Diagram TPS60111
The oscillator runs at a 50% duty cycle. The device consists of two single-ended charge pumps which operate
with 180
° phase shift. Each single ended charge pump transfers charge into its transfer capacitor (CxF) in one
half of the period. During the other half of the period (transfer phase), CxF is placed in series with the input to
transfer its charge to CO. While one single-ended charge pump is in the charge phase, the other one is in the
transfer phase. This operation guarantees an almost constant output current which ensures a low output ripple.
If the clock were to run continuously, this process would eventually generate an output voltage equal to two times
the input voltage (hence the name doubler). In order to provide a regulated fixed output voltage of 5 V, the
TPS60111 uses either pulse-skip mode or constant-frequency mode. Pulse-skip mode and constant-frequency
mode are externally selected via the SKIP input pin.


Similar Part No. - 595D156X0016B2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
595D156X0025C2T TI-595D156X0025C2T Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - 595D156X0016B2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com