Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60131PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60131PWP
Description  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60131PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS60131PWP Datasheet HTML 1Page - Texas Instruments TPS60131PWP Datasheet HTML 2Page - Texas Instruments TPS60131PWP Datasheet HTML 3Page - Texas Instruments TPS60131PWP Datasheet HTML 4Page - Texas Instruments TPS60131PWP Datasheet HTML 5Page - Texas Instruments TPS60131PWP Datasheet HTML 6Page - Texas Instruments TPS60131PWP Datasheet HTML 7Page - Texas Instruments TPS60131PWP Datasheet HTML 8Page - Texas Instruments TPS60131PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
applications
D Up to 90% Efficiency From 2.7-V to 5.4-V
Input Voltage Range Because of Special
Switching Topology
D Up to 300-mA Output Current (TPS60130
and TPS60131)
D No Inductors Required, Low EMI
D Regulated 5-V ±4% Output
D Only Four External Components Required
D 60-µA Quiescent Supply Current
D 0.05-µA Shutdown Current
D Load Disconnected in Shutdown
D Space-Saving, Thermally-Enhanced
PowerPAD
t Package
D Evaluation Module Available
(TPS60130EVM−143)
D Battery-Powered Applications
D Three Battery Cells to 5-V Conversion or
Point-of-Use 3.3 V to 5-V Conversion
D Lilon Battery to 5-V Conversion
D Portable Instruments
D Battery-Powered Microprocessor Systems
D Backup-Battery Boost Converters
D PDA’s, Organizers, Laptops
D Handheld Instrumentation
D Medical Instruments (e.g., Glucose Meters)
D PCMCIA and 5-V Smart Card Supply
description
The TPS6013x step-up, regulated charge pumps generate a 5-V
±4% output voltage from a 2.7-V to 5.4-V input
voltage (three alkaline, NiCd, or NiMH batteries or one Lithium or Lilon battery). The output current is 300 mA
for the TPS60130/ TPS60131 and 150 mA for the TPS60132/ TPS60133, all from a 3-V input. Only four external
capacitors are needed to build a complete high efficiency dc/dc charge pump converter. To achieve the high
efficiency over a wide input voltage range, the charge pump automatically selects between a 1.5x or doubler
conversion mode. From a 3-V input, all ICs can start with full load current.
efficiency (TPS60130, TPS60131)
typical operating circuit
IN
IN
LBI
C1+
C1−
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2−
Co
33
µF
Ci
15
µF
Output
5 V, 300 mA
C2
2.2
µF
C1
2.2
µF
R1
R2
Input
2.7 V to 5.4 V
OFF/ON
TPS60130
R3
IO = 66 mA
IO = 108 mA
IO = 216 mA
IO = 300 mA
60
40
20
0
2.6
3
3.4
3.8
4.2
80
90
100
4.6
5
70
50
30
10
5.4
VI − Input Voltage − V
Copyright
 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPS60131PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60131PWP TI-TPS60131PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60131PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com