Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60130 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60130
Description  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60130 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60130 Datasheet HTML 2Page - Texas Instruments TPS60130 Datasheet HTML 3Page - Texas Instruments TPS60130 Datasheet HTML 4Page - Texas Instruments TPS60130 Datasheet HTML 5Page - Texas Instruments TPS60130 Datasheet HTML 6Page - Texas Instruments TPS60130 Datasheet HTML 7Page - Texas Instruments TPS60130 Datasheet HTML 8Page - Texas Instruments TPS60130 Datasheet HTML 9Page - Texas Instruments TPS60130 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
low-battery detector (TPS60130 and TPS60132) (continued)
LBO is an open drain output. An external pullup resistor to OUT, in the 100-k
Ω to 1-MΩ range is recommended.
During start-up, the LBO output signal is invalid for the first 500
µs. LBO is high impedance when the device
is disabled.
If the low-battery comparator function is not used, connect LBI to ground and leave LBO unconnected.
_
+
+
VREF
VBAT
IN
R1
LBI
R2
LBO
V
TRIP +
1.21 V
1
) R1
R2
VOUT
R3
Figure 1. Programming of the Low-Battery Comparator Trip Voltage
Formulas to calculate the resistive divider for low battery detection, with VLBI = 1.15 V − 1.27 V:
R2
+ 1MW
V
LBI
V
BAT
R1
+ 1MW * R2
Formulas to calculate the minimum and maximum battery voltage that triggers the low battery detector:
V
BAT(min) +
V
LBI(min)
R1
(min) )
R2
(max)
R2
(max)
V
BAT(max) +
V
LBI(max)
R1
(max) )
R2
(min)
R2
(min)
Table 1. Recommended Values for the Resistive Divider from the E96 Series (
±1%),
VLBI = 1.15 V − 1.27 V
VBAT/V
R1/kΩ
R2/kΩ
VBAT(MIN)/V
VBAT(MAX)/V
2.7
562
453
2.548
−5.61%
2.877
6.57%
2.8
576
442
2.619
−6.47%
2.958
5.66%
2.9
590
422
2.726
−6.00%
3.081
6.26%
3.0
590
402
2.804
−6.53%
3.172
5.72%
3.1
604
383
2.928
−5.56%
3.313
6.88%
3.2
619
374
3.016
−5.76%
3.414
6.70%
3.3
649
374
3.106
−5.88%
3.518
6.62%
A 100 nF bypass capacitor should be connected in parallel to R2 if large line transients are expected. These
voltage drops can inadvertently trigger the low-battery comparator and produce a wrong low-battery warning
signal at the LBO pin.


Similar Part No. - TPS60130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130 TI1-TPS60130 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130PWP TI-TPS60130PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com