Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60111PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60111PWP
Description  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60111PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS60111PWP Datasheet HTML 1Page - Texas Instruments TPS60111PWP Datasheet HTML 2Page - Texas Instruments TPS60111PWP Datasheet HTML 3Page - Texas Instruments TPS60111PWP Datasheet HTML 4Page - Texas Instruments TPS60111PWP Datasheet HTML 5Page - Texas Instruments TPS60111PWP Datasheet HTML 6Page - Texas Instruments TPS60111PWP Datasheet HTML 7Page - Texas Instruments TPS60111PWP Datasheet HTML 8Page - Texas Instruments TPS60111PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
SYNC
ENABLE
FB
OUT
C1+
IN
C1−
PGND
PGND
GND
CLK
COM
SKIP
OUT
C2+
IN
C2−
PGND
PGND
PWP PACKAGE
(TOP VIEW)
Figure 2. Bottom View of PWP Package,
Showing the Thermal Pad
Thermal
Pad
AVAILABLE OPTIONS
PACKAGE
TSSOP†
(PWP)
TPS60111PWP
† This package is available taped and reeled. To order this packaging
option, add an R suffix to the part number (e.g., TPS60111PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLK
19
I
Input for external clock signal. If the internal clock is used, connect this terminal to GND.
C1+
6
Positive terminal of the charge-pump capacitor C1F
C1−
8
Negative terminal of the charge-pump capacitor C1F
C2+
15
Positive terminal of the charge-pump capacitor C2F
C2−
13
Negative terminal of the charge-pump capacitor C2F
COM
18
I
Mode selection.
When COM is logic low the charge pump operates in push-pull mode to minimize output ripple. When COM is
connected to IN the regulator operates in single-ended mode requiring only one flying capacitor.
ENABLE
3
I
ENABLE Input. The device turns off, the output disconnects from the input, and the supply current decreases to
0.05
µA when ENABLE is a logic low. ENABLE high may only be applied when VIN is inside the recommended
operating range.
FB
4
I
FEEDBACK input. Connect FB to OUT as close to the load as possible to achieve best regulation. Resistive divider
is on-chip to match internal reference voltage of 1.22 V.
GND
1, 20
GROUND. Analog ground for internal reference and control circuitry. Connect to PGND through a short trace.
IN
7, 14
I
Supply Input. Connect to an input supply in the 2.7-V to 5.4-V range. Bypass IN to GND with a (CO/2) µF capacitor.
Connect both INs through a short trace.
OUT
5, 16
O
Regulated 5-V power output. Connect both OUTs through a short trace and bypass OUT to GND with the output
filter capacitor CO.
PGND
9−12
PGND power ground. Charge-pump current flows through this pin. Connect all PGNDs together.
SKIP
17
I
Mode selection. When SKIP is logic low the charge pump operates in constant-frequency mode. Thus output ripple
and noise are minimized. When SKIP is connected to IN, the regulator operates in low-quiescent-current
pulse-skip mode.
SYNC
2
I
Selection for external clock signal. Connect to GND to use the internally generated clock signal. Connect to IN
for external synchronization. In this case, the clock signal needs to be fed through CLK.


Similar Part No. - TPS60111PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111PWP TI-TPS60111PWP Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - TPS60111PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com