Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60100PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60100PWP
Description  REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60100PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60100PWP Datasheet HTML 2Page - Texas Instruments TPS60100PWP Datasheet HTML 3Page - Texas Instruments TPS60100PWP Datasheet HTML 4Page - Texas Instruments TPS60100PWP Datasheet HTML 5Page - Texas Instruments TPS60100PWP Datasheet HTML 6Page - Texas Instruments TPS60100PWP Datasheet HTML 7Page - Texas Instruments TPS60100PWP Datasheet HTML 8Page - Texas Instruments TPS60100PWP Datasheet HTML 9Page - Texas Instruments TPS60100PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS60100
REGULATED 3.3 V 200mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS213C − MAY 1999 − REVISED AUGUST 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
50
40
20
0
0.1
1
10
70
90
EFFICIENCY
vs
OUTPUT CURRENT (VO = 3.3 V)
100
100
1000
80
60
30
10
IO − Output Current − mA
V(SKIP) = VIN, V(3V8) = 0 V
VIN = 1.8 V
VIN = 2 V
VIN = 2.4 V
VIN = 2.7 V
Figure 6
50
40
20
0
110
70
90
EFFICIENCY
vs
OUTPUT CURRENT (VO = 3.3 V)
100
100
1000
80
60
30
10
IO − Output Current − mA
V(SKIP) = 0 V
V(3V8) = 0 V
VIN = 1.8 V
VIN = 2 V
VIN = 2.4 V
VIN = 2.7 V
Figure 7
50
40
20
0
0.1
1
10
70
90
EFFICIENCY
vs
OUTPUT CURRENT (VO = 3.8 V)
100
100
1000
80
60
30
10
IO − Output Current − mA
V(SKIP) = VIN
V(3V8) = VIN
VIN = 3 V
VIN = 2.3 V
VIN = 2.7 V
Figure 8
50
40
20
0
110
70
90
EFFICIENCY
vs
OUTPUT CURRENT (VO = 3.8 V)
100
100
1000
80
60
30
10
IO − Output Current − mA
V(SKIP) = 0 V
V(3V8) = VIN
VIN = 3 V
VIN = 2.3 V
VIN = 2.7 V
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, unless otherwise noted


Similar Part No. - TPS60100PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100PWP TI-TPS60100PWP Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - TPS60100PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI1-TPS60101_16 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com