Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS57140-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57140-EP
Description  1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57140-EP Datasheet(HTML) 3 Page - Texas Instruments

  TPS57140-EP Datasheet HTML 1Page - Texas Instruments TPS57140-EP Datasheet HTML 2Page - Texas Instruments TPS57140-EP Datasheet HTML 3Page - Texas Instruments TPS57140-EP Datasheet HTML 4Page - Texas Instruments TPS57140-EP Datasheet HTML 5Page - Texas Instruments TPS57140-EP Datasheet HTML 6Page - Texas Instruments TPS57140-EP Datasheet HTML 7Page - Texas Instruments TPS57140-EP Datasheet HTML 8Page - Texas Instruments TPS57140-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
1
2
3
4
10
9
8
7
4
6
5
Exposed
Thermal
Pad
BOOT
VIN
EN
SS/TR
RT/CLK
PH
GND
COMP
VSENSE
PWRGD
TPS57140-EP
www.ti.com
SLVSD01A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DRC Package
10-Pin VSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
The device requires a bootstrap capacitor between BOOT and PH. A voltage on this capacitor below the
BOOT
1
O
minimum required by the output device forces the output to switch off pending a refresh of the capacitor.
Error-amplifier output and input to the output-switch current comparator. Connect frequency-compensation
COMP
8
O
components to this pin.
Enable pin, internal pullup current source. Pull below 1.2 V to disable. Float to enable. Adjust the input
EN
3
I
UVLO with two resistors.
GND
9
Ground
PH
10
I
The source of the internal high-side power MOSFET
An open-drain output, asserts low if output voltage is low due to thermal shutdown, dropout, overvoltage, or
PWRGD
6
O
EN shutdown.
Resistor timing and external clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. Pulling the pin above the PLL upper threshold
RT/CLK
5
I
causes a mode change whereby the pin becomes a synchronization input. Disabling of the internal amplifier
occurs, and the pin is a high-impedance clock input to the internal PLL. If clocking edges stop, re-enabling of
the internal amplifier occurs, and the mode returns to a resistor-set function.
Slow-start and tracking. An external capacitor connected to this pin sets the output rise time. The voltage on
SS/TR
4
I
this pin overrides the internal reference, allowing use of the pin for tracking and sequencing.
VIN
2
I
Input supply voltage, 3.5 to 42 V
VSENSE
7
I
Inverting node of the transconductance (gm) error amplifier
GND pin must have an electrical connection to the exposed pad on the printed-circuit board for proper
Thermal pad
operation.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS57140-EP


Similar Part No. - TPS57140-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
More results

Similar Description - TPS57140-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com