Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVP139 Datasheet(PDF) 8 Page - Texas Instruments

Part # SLVP139
Description  DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLVP139 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLVP139 Datasheet HTML 4Page - Texas Instruments SLVP139 Datasheet HTML 5Page - Texas Instruments SLVP139 Datasheet HTML 6Page - Texas Instruments SLVP139 Datasheet HTML 7Page - Texas Instruments SLVP139 Datasheet HTML 8Page - Texas Instruments SLVP139 Datasheet HTML 9Page - Texas Instruments SLVP139 Datasheet HTML 10Page - Texas Instruments SLVP139 Datasheet HTML 11Page - Texas Instruments SLVP139 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TPS56300
DUALOUTPUT LOW INPUT VOLTAGE
DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
SLVS261B − DECEMBER 1999 − SEPTEMBER 2000
8
www.ti.com
electrical characteristics TJ = −40° to 125°C, VCC = 2.8 V to 5.5 V (unless otherwise noted)
overvoltage protection
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OVP ripple regulator trip point (RR)
Upper threshold
112
115
120
% VREF
Hysteresis (RR)
Upper threshold − lower threshold,
See Note 2
10
mV
Comparator propagation delay time (RR)
Voverdrive = 30mV,
See Note 2
1
µs
Deglitch time (includes comparator
propagation delay time) (RR)
Voverdrive = 30mV,
See Note 2
2.25
11
µs
OVP LDO trip point (LDO)
Upper threshold
112
115
120
% VREF
Hysteresis (LDO)
Upper threshold − lower threshold,
See Note 2
10
mV
Comparator propagation delay time (LDO)
Voverdrive = 50mV,
See Note 2
1
µs
Deglitch time (includes comparator
propagation delay time) (LDO)
Voverdrive = 50mV,
See Note 2
2.25
11
µs
NOTE 2. Ensured by design, not production tested.
undervoltage protection
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UVP ripple regulator trip point (RR)
Lower threshold
70
75
80
% VREF
Hysteresis (RR)
Upper threshold − lower threshold,
See Note 2
10
mV
Comparator propagation delay time (RR)
Voverdrive = 50mV,
See Note 2
1
µs
Deglitch time (includes comparator
propagation delay time) (RR)
Voverdrive = 50mV,
See Note 2
0.1
1
ms
UVP LDO trip point (LDO)
Lower threshold
70
75
80
% VREF
Hysteresis (LDO)
Upper threshold − lower threshold,
See Note 2
10
mV
Comparator propagation delay time (LDO)
Voverdrive = 50mV,
See Note 2
1
µs
Deglitch time (includes comparator
propagation delay time) (LDO)
Voverdrive = 50mV,
See Note 2
0.1
1
ms
NOTE 2. Ensured by design, not production tested.
inhibit comparator
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Start threshold
2.1
2.35
V
Start threshold
TJ = −40°C,
See Note 2
2.1
V
Stop threshold
1.79
V
NOTE 2. Ensured by design, not production tested.
VDRV UVLO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Start threshold
See Note 2
4.9
V
Hysteresis
See Note 2
0.3
0.35
V
Stop threshold
See Note 2
4.4
V
NOTE 2. Ensured by design, not production tested.


Similar Part No. - SLVP139

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SLV0868C-LF ZCOMM-SLV0868C-LF Datasheet
73Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
SLV0868C-LF ZCOMM-SLV0868C-LF Datasheet
90Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SLV0868C-LF ZCOMM-SLV0868C-LF_10 Datasheet
90Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SLV0915C-LF ZCOMM-SLV0915C-LF Datasheet
92Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SLV1425A-LF ZCOMM-SLV1425A-LF Datasheet
52Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - SLVP139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56302 TI-TPS56302 Datasheet
790Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com