Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56300PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56300PWP
Description  DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56300PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS56300PWP Datasheet HTML 3Page - Texas Instruments TPS56300PWP Datasheet HTML 4Page - Texas Instruments TPS56300PWP Datasheet HTML 5Page - Texas Instruments TPS56300PWP Datasheet HTML 6Page - Texas Instruments TPS56300PWP Datasheet HTML 7Page - Texas Instruments TPS56300PWP Datasheet HTML 8Page - Texas Instruments TPS56300PWP Datasheet HTML 9Page - Texas Instruments TPS56300PWP Datasheet HTML 10Page - Texas Instruments TPS56300PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TPS56300
DUALOUTPUT LOW INPUT VOLTAGE
DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
SLVS261B − DECEMBER 1999 − SEPTEMBER 2000
7
www.ti.com
electrical characteristics TJ = −40° to 125°C, VCC = 2.8 V to 5.5 V (unless otherwise noted)
input
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply voltage range
2.8
3.3
5.5
V
ICC Quiescent current
INHIBIT = 0 V,
VCC = 5 V
15
mA
NOTE 2. Ensured by design, not production tested.
reference/voltage identification
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
D0−D1 High level input voltage (2)
Vbias − 0.3 V
V
D0−D1 Mid level floating voltage (1)
V
bias
2
* 1
V
bias
2
) 1
V
D0−D1 Low level input voltage (0)
0.3
V
Input pull-to-mid resistance
36.5
73
95
K
cumulative reference
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF = 1.3 V,
Hysteresis window = 30 mV,
TJ = 25°C
−1.3
0.25
1.3
Cumulative accuracy ripple regulator
VREF = 1.3 V,
Hysteresis window = 30 mV,
TJ = −40°C,
See Note 2
−0.2
%
VREF = full range, Hysteresis window = 30 mV,
Droop = 0,
See Note 2
−1.5
1.5
Cumulative accuracy LDO
VREF = 1.3 V,
IO=0.1 A,
Closed Loop,
Pass device = IRFZ24N,
TJ = 25°C,
See Note 2
−2
2
%
Cumulative accuracy LDO
VREF = full range,
IO=0.1 A,
Closed Loop,
Pass device = IRFZ24N,
See Note 2
−2.5
2.5
%
NOTE 2. Ensured by design, not production tested.
hysteretic comparator(ripreg)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input bias current
See Note 2
500
nA
Hysteresis accuracy
VVREFB − VVHYST = 15 mV,
Hysteresis window = 30mV
−3.5
3.5
mV
Maximum hysteresis setting
VVREFB − VVHYST = 30 mV, See Note 2
60
mV
Propagation delay time from VSENSE to
HIGHDR or LOWDR
(excluding deadtime)
10 mV overdrive,
1.3 V <= VREF <= 3.3 V
See Note 2
150
250
ns
Prefilter pole frequency
See Note 2
5
MHz
NOTE 2. Ensured by design, not production tested.


Similar Part No. - TPS56300PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56300PWP TI-TPS56300PWP Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
More results

Similar Description - TPS56300PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56302 TI-TPS56302 Datasheet
790Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com