Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5904 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS5904
Description  OPTOISOLATED FEEDBACK AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5904 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5904 Datasheet HTML 1Page - Texas Instruments TPS5904 Datasheet HTML 2Page - Texas Instruments TPS5904 Datasheet HTML 3Page - Texas Instruments TPS5904 Datasheet HTML 4Page - Texas Instruments TPS5904 Datasheet HTML 5Page - Texas Instruments TPS5904 Datasheet HTML 6Page - Texas Instruments TPS5904 Datasheet HTML 7Page - Texas Instruments TPS5904 Datasheet HTML 8Page - Texas Instruments TPS5904 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPS5904, TPS5904A
OPTOISOLATED FEEDBACK AMPLIFIERS
SOES016D − MAY 1995 − REVISED JANUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D TL1431 Precision Programmable Reference
(2.5 V) and an Optocoupler in a Single
Package
D Reference Voltage Tolerance
− TPS5904
0.8%
− TPS5904A
0.4%
D Controlled Optocoupler CTRs:
− TPS5904
100% to 400%
− TPS5904A
150% to 300%
D High Withstand Voltage (WTV), 7500 V Peak
for 1 Minute
D Safety Regulatory Approvals
− UL . . . File Number E65085
− FIMKO, SEMKO, NEMKO, DEMKO
− EN60065/IEC 65
− EN60950/IEC 950
− VDE 0884, Level 4 (6000-V Insulation)
description
The TPS5904 and TPS5904A optoisolated feedback amplifiers consist of the industry standard TL1431
precision programmable reference and an optocoupler. Reference-voltage tolerance for the TPS5904 is
0.8%, and for the TPS5904A, 0.4%. The devices are primarily intended for use as the error-amplifier/reference/
isolation-amplifier element in isolated ac-to-dc power supplies and dc/dc converters. The optocoupler is a
gallium-arsenide (GaAs) light-emitting diode that emits at a wavelength of 940 nm, combined with a silicon
phototransistor. The current transfer ratio (CTR) ranges from 100% to 400% in the standard version. The
TPS5904A version with a 150%-to-300% CTR is available for higher-performance applications. When using
the TPS5904 or TPS5904A, power-supply designers can reduce component count and save space in tightly
packaged designs. The tight-tolerance reference eliminates the need for adjustments in many applications.
The TPS5904 and TPS5904A are characterized for operation from −40
°C to 100°C. Each device is supplied
in an 8-pin DIP or in an 8-pin gull-wing surface-mount package (DCS).
typical application
1
2
4
3
7
6
TPS5904/A
PWM
Control
VI
R1
R2
TPS5904: Reference-voltage tolerance, 0.8%
CTR Range, 100% to 400%
TPS5904A: Reference-voltage tolerance, 0.4%
CTR Range, 150% to 300%
VO
+
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
LED
COMP
GND
FB
NC
C
E
NC
DCS OR P PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - TPS5904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI-TPS5904A Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results

Similar Description - TPS5904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5910 TI-TPS5910 Datasheet
155Kb / 11P
[Old version datasheet]   TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com