Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1270Y-100 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1270Y-100
Description  16M Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1270Y-100 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1270Y-100 Datasheet HTML 1Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 2Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 3Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 4Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 5Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 6Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 7Page - Dallas Semiconductor DS1270Y-100 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1270Y/AB
2 of 8
READ MODE
The DS1270 devices execute a read cycle whenever WE (Write Enable) is inactive (high) and CE (Chip
Enable) and OE (Output Enable) are active (low). The unique address specified by the 21 address inputs
(A0 - A20) defines which of the 2,097,152 bytes of data is accessed. Valid data will be available to the
eight data output drivers within tACC (Access Time) after the last address input signal is stable, providing
that CE and OE (Output Enable) access times are also satisfied. If OE and CE access times are not
satisfied, then data access must be measured from the later-occurring signal ( CE or OE ) and the limiting
parameter is either tCO for CE or tOE for OE rather than tACC.
WRITE MODE
The DS1270 devices execute a write cycle whenever WE and CE signals are active (low) after address
inputs are stable. The later-occurring falling edge of CE or WE will determine the start of the write cycle.
The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs must be kept
valid throughout the write cycle. WE must return to the high state for a minimum recovery time (tWR)
before another cycle can be initiated. The OE control signal should be kept inactive (high) during write
cycles to avoid bus contention. However, if the output drivers are enabled ( CE and OE active) then WE
will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The DS1270AB provides full-functional capability for VCC greater than 4.75 volts and write protects by
4.5 volts. The DS1270Y provides full-functional capability for VCC greater than 4.5 volts and write
protects by 4.25 volts. Data is maintained in the absence of VCC without any additional support circuitry.
The nonvolatile static RAMs constantly monitor VCC. Should the supply voltage decay, the NV SRAMs
automatically write protect themselves, all inputs become don’t care, and all outputs become high-
impedance. As VCC falls below approximately 3.0 volts, a power switching circuit connects the lithium
energy source to RAM to retain data. During power-up, when VCC rises above approximately 3.0 volts,
the power switching circuit connects external VCC to RAM and disconnects the lithium energy source.
Normal RAM operation can resume after VCC exceeds 4.75 volts for the DS1270AB and 4.5 volts for the
DS1270Y.
FRESHNESS SEAL
Each DS1270 device is shipped from Dallas Semiconductor with its lithium energy source disconnected,
guaranteeing full energy capacity. When VCC is first applied at a level greater than VTP, the lithium
energy source is enabled for battery backup operation.


Similar Part No. - DS1270Y-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1270Y-70# MAXIM-DS1270Y-70# Datasheet
197Kb / 8P
   16M Nonvolatile SRAM
19-5615; Rev 11/10
DS1270Y-70IND# MAXIM-DS1270Y-70IND# Datasheet
197Kb / 8P
   16M Nonvolatile SRAM
19-5615; Rev 11/10
More results

Similar Description - DS1270Y-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1270AB MAXIM-DS1270AB Datasheet
197Kb / 8P
   16M Nonvolatile SRAM
19-5615; Rev 11/10
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com