Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS542951PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS542951PWPR
Description  2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS542951PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS542951PWPR Datasheet HTML 1Page - Texas Instruments TPS542951PWPR Datasheet HTML 2Page - Texas Instruments TPS542951PWPR Datasheet HTML 3Page - Texas Instruments TPS542951PWPR Datasheet HTML 4Page - Texas Instruments TPS542951PWPR Datasheet HTML 5Page - Texas Instruments TPS542951PWPR Datasheet HTML 6Page - Texas Instruments TPS542951PWPR Datasheet HTML 7Page - Texas Instruments TPS542951PWPR Datasheet HTML 8Page - Texas Instruments TPS542951PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
V
= 1.5 V (50
O2
Iout (2 A/div)
Input Voltage
PGND
PGND
C4
SW1
VIN1
VBST1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW2
SS1
5
1
3
SS2
9
10
11
PGND2
2
4
7
13
12
TPS542951
HTSSOP16
14
8
15
16
PGND
SGND
SGND
C11
VO1
C21
R11
R21
L11
C31
C32
L12
C12
VO2
C22
R12
R22
(PowerPAD)
SGND
SGND
TPS542951
www.ti.com
SLVSBI4B – JULY 2012 – REVISED OCTOBER 2013
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Check for Samples: TPS542951
1
FEATURES
APPLICATIONS
2
D-CAP2™ Control Mode
Point-of-Load Regulation in Low Power
Systems for Wide Range of Applications
Fast Transient Response
Digital TV Power Supply
No External Parts Required For Loop
Compensation
Networking Home Terminal
Compatible with Ceramic Output
Digital Set Top Box (STB)
Capacitors
DVD Player/Recorder
Wide Input Voltage Range : 4.5 V to 18 V
Gaming Consoles and Other
Output Voltage Range : 0.76V to 7.0V
DESCRIPTION
Highly Efficient Integrated FETs Optimized for
The TPS542951 is a dual, adaptive on-time D-
Low Duty Cycle Applications
CAP2™ mode synchronous buck converter. The
150 m
Ω (High Side) and 100 mΩ (Low Side)
TPS542951 enables system designers to complete
High Initial Reference Accuracy
the suite of various end equipment’s power bus
regulators with a cost effective, low component count,
Supports Constant 2 A CH1 and 3 A CH2 Load
and low standby current solution. The main control
Current
loops of the TPS542951 use the D-CAP2™ mode
Low-Side rDS(on) Loss-Less Current Sensing
control which provides a very fast transient response
Adjustable Soft Start
with no external compensation components. The
adaptive on-time control supports seamless transition
Non-Sinking Pre-Biased Soft Start
between PWM mode at higher load conditions and
700 kHz Switching Frequency
Eco-mode™ operation at light loads. Eco-mode™
Cycle-by-Cycle Over-Current Limit Control
allows the TPS542951 to maintain high efficiency
OCL/UVLO/TSD Protections
during lighter load conditions. The TPS542951 is able
to adapt to both low equivalent series resistance
Hiccup Timer for Overload Protection
(ESR) output capacitors such as POSCAP or SP-
Adaptive Gate Drivers with Integrated Boost
CAP, and ultra-low ESR, ceramic capacitors. The
PMOS Switch
device provides convenient and efficient operation
OCP Constant Due To Thermally Compensated
with input voltages from 4.5V to 18V.
rDS(on) with 4000ppm/℃
The TPS542951 is available in a 4.4mm × 5.0mm 16
16-Pin HTSSOP, 16-Pin VQFN
pin TSSOP (PWP) package, and 4mm x 4mm 16 pin
VQFN (RSA) package, and is specified for an
Auto-Skip Eco-mode™
 
 for High Efficiency at
ambient temperature range from –40°C to 85°C.
Light Load
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS542951PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542951PWPR TI1-TPS542951PWPR Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS542951PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com