Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS542951PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS542951PWPR
Description  2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS542951PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS542951PWPR Datasheet HTML 2Page - Texas Instruments TPS542951PWPR Datasheet HTML 3Page - Texas Instruments TPS542951PWPR Datasheet HTML 4Page - Texas Instruments TPS542951PWPR Datasheet HTML 5Page - Texas Instruments TPS542951PWPR Datasheet HTML 6Page - Texas Instruments TPS542951PWPR Datasheet HTML 7Page - Texas Instruments TPS542951PWPR Datasheet HTML 8Page - Texas Instruments TPS542951PWPR Datasheet HTML 9Page - Texas Instruments TPS542951PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SW1
VBST1
EN1
VFB2
VFB1
GND
SS2
VREG5
PGND1
0. 1uF
VO1
1. 0 uF
VIN1
VBST2
EN2
SW2
VO2
0.1uF
VIN1
VIN2
5VREG
EN
Logic
PGND2
SW2
EN Logic
UV1
Protection
Logic
Ref1
Ref2
SS2
SS1
UV2
UV1
UV2
UVLO
UVLO
SoftStart
REF
TSD
Ref1
Ref2
- 32
- 32
SS1
SS1
SS2
CSS1
CSS2
PGND1
PGND2
Err
Comp
Err
Comp
CH1 Min- off timer
CH2 Min- off timer
Ref_OCL
PGND2
UV
UV
VIN1
VIN2
OCP2
ZC2
SW2
SW1
Ref_OCL
OCP1
ZC1
SW1
PGND1
TPS542951
SLVSBI4B – JULY 2012 – REVISED OCTOBER 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS542951


Similar Part No. - TPS542951PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542951PWPR TI1-TPS542951PWPR Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS542951PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com