Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54972PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54972PWPR
Description  9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54972PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54972PWPR Datasheet HTML 1Page - Texas Instruments TPS54972PWPR Datasheet HTML 2Page - Texas Instruments TPS54972PWPR Datasheet HTML 3Page - Texas Instruments TPS54972PWPR Datasheet HTML 4Page - Texas Instruments TPS54972PWPR Datasheet HTML 5Page - Texas Instruments TPS54972PWPR Datasheet HTML 6Page - Texas Instruments TPS54972PWPR Datasheet HTML 7Page - Texas Instruments TPS54972PWPR Datasheet HTML 8Page - Texas Instruments TPS54972PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
6,4 mm x 9,7 mm
VIN
PH
BOOT
PGND
VSENSE
V(TTQ)
AGND
VBIAS
Input
TPS54972
COMP
Compensation
Network
REFIN
TRANSIENT RESPONSE
V(DDQ)
VI = 3.3 V
VO = 1.25 V
2.25 A to 6.75 A
t – Time – µs/div
TPS54972
www.ti.com
SLVS437B – AUGUST 2002 – REVISED AUGUST 2010
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION
SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
1
FEATURES
DESCRIPTION
Tracks Externally Applied Reference Voltage
15-m
Ω MOSFET Switches for High Efficiency
As a member of the SWIFT™ family of dc/dc
regulators,
the
TPS54972
low-input
voltage
at 9-A Continuous Output Source or Sink
high-output
current
synchronous-buck
PWM
Current
converter integrates all required active components.
6% to 90% VI Output Tracking Range
Included on the substrate with the listed features are
Wide PWM Frequency: Fixed 350 kHz or
a true, high performance, voltage error amplifier that
Adjustable 280 kHz to 700 kHz
enables
maximum
performance
under
transient
conditions and flexibility in choosing the output filter L
Load Protected by Peak Current Limit and
and C components; an under-voltage-lockout circuit
Thermal Shutdown
to prevent start-up until the input voltage reaches 3.0
Integrated Solution Reduces Board Area and
V; an internally set slow-start circuit to limit in-rush
Total Cost
currents; and a status output to indicate valid
operating conditions.
APPLICATIONS
The TPS54972 is available in a thermally enhanced
DDR Memory Termination Voltage
28-pin TSSOP (PWP) PowerPAD™ package, which
Active Termination of GTL and SSTL
eliminates bulky heatsinks. TI provides evaluation
High-Speed Logic Families
modules and the SWIFT designer software tool to aid
DAC Controlled High Current Output Stage
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
Precision Point of Load Power Supply
cycles.
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54972PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54972PWP TI-TPS54972PWP Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
More results

Similar Description - TPS54972PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI1-TPS54372_16 Datasheet
788Kb / 21P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54980 TI-TPS54980 Datasheet
249Kb / 17P
[Old version datasheet]   3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com