Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54880PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54880PWPR
Description  4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54880PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54880PWPR Datasheet HTML 1Page - Texas Instruments TPS54880PWPR Datasheet HTML 2Page - Texas Instruments TPS54880PWPR Datasheet HTML 3Page - Texas Instruments TPS54880PWPR Datasheet HTML 4Page - Texas Instruments TPS54880PWPR Datasheet HTML 5Page - Texas Instruments TPS54880PWPR Datasheet HTML 6Page - Texas Instruments TPS54880PWPR Datasheet HTML 7Page - Texas Instruments TPS54880PWPR Datasheet HTML 8Page - Texas Instruments TPS54880PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS54880
SLVS450A − OCTOBER 2002 REVISED APRIL 2005
www.ti.com
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
ENA
TRACKIN
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AGND
1
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, RT resistor.
Connect PowerPAD to AGND.
BOOT
5
Bootstrap output. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for the
high-side FET driver.
COMP
3
Error amplifier output. Connect frequency compensation network from COMP to VSENSE
ENA
27
Enable input. Logic high enables oscillator, PWM control and MOSFET driver circuits. Logic low disables operation and
places device in low quiescent current state.
PGND
15−19 Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper areas
to the input and output supply returns, and negative terminals of the input and output capacitors. A single point connection
to AGND is recommended.
PH
6−14
Phase output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
PWRGD
4
Power good open drain output. High when VSENSE ≥ 90% Vref, otherwise PWRGD is low.
RT
28
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency.
TRACKIN
26
External reference input. High impedance input to internal reference/multiplexer and error amplifier circuits.
VBIAS
25
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a high
quality, low-ESR 0.1-µF to 1.0-µF ceramic capacitor.
VIN
20−24 Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to device
package with a high quality, low-ESR 10-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input. Connect to output voltage through compensation network/output divider.


Similar Part No. - TPS54880PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54880PWPR TI-TPS54880PWPR Datasheet
461Kb / 19P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54880PWPRG4 TI-TPS54880PWPRG4 Datasheet
461Kb / 19P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
More results

Similar Description - TPS54880PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI1-TPS54810_16 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54880 TI-TPS54880_15 Datasheet
759Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com