Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1270Y-70 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1270Y-70
Description  16M Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1270Y-70 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1270Y-70 Datasheet HTML 1Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 2Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 3Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 4Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 5Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 6Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 7Page - Dallas Semiconductor DS1270Y-70 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1270Y/AB
3 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
0°C to 70°C; -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C; -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1270AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1270Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1 Input Voltage
VIH
2.2
VCC
V
Logic 0 Input Voltage
VIL
0
+0.8
V
DC ELECTRICAL
(VCC=5V
±=5% for DS1270AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1270Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-4.0
+4.0
µA
I/O Leakage Current
IIO
-4.0
+4.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
1.0
1.5
mA
Standby Current CE =VCC-0.5V
ICCS2
100
250
µA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1270AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1270Y)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
20
40
pF
Output Capacitance
CI/O
20
40
pF


Similar Part No. - DS1270Y-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1270Y-70# MAXIM-DS1270Y-70# Datasheet
197Kb / 8P
   16M Nonvolatile SRAM
19-5615; Rev 11/10
DS1270Y-70IND# MAXIM-DS1270Y-70IND# Datasheet
197Kb / 8P
   16M Nonvolatile SRAM
19-5615; Rev 11/10
More results

Similar Description - DS1270Y-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1270AB MAXIM-DS1270AB Datasheet
197Kb / 8P
   16M Nonvolatile SRAM
19-5615; Rev 11/10
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com