Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54910 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54910
Description  3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54910 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54910_16 Datasheet HTML 1Page - Texas Instruments TPS54910_16 Datasheet HTML 2Page - Texas Instruments TPS54910_16 Datasheet HTML 3Page - Texas Instruments TPS54910_16 Datasheet HTML 4Page - Texas Instruments TPS54910_16 Datasheet HTML 5Page - Texas Instruments TPS54910_16 Datasheet HTML 6Page - Texas Instruments TPS54910_16 Datasheet HTML 7Page - Texas Instruments TPS54910_16 Datasheet HTML 8Page - Texas Instruments TPS54910_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS54910
SLVS421C − MARCH 2002 − REVISED FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VI = 3 V to 4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier open loop voltage gain
1 kΩ COMP to AGND(1)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 kΩ, 160 pF COMP to AGND(1)
3
5
MHz
Error amplifier common mode input voltage
range
Powered by internal LDO(1)
0
VBIAS
V
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
Output voltage slew rate (symmetric), COMP
1.0
1.4
V/µs
PWM COMPARATOR
PWM comparator propagation delay time,
PWM comparator input to PH pin
(excluding deadtime)
10-mV overdrive(1)
70
85
ns
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.2
1.4
V
Enable hysteresis voltage, SS/ENA(1)
0.03
V
Falling edge deglitch, SS/ENA(1)
2.5
µs
Internal slow-start time
2.6
3.35
4.1
ms
Charge current, SS/ENA
SS/ENA = 0 V
3
5
8
µA
Discharge current, SS/ENA
SS/ENA = 1.3 V, VI = 1.5 V
1.5
2.3
4.0
mA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%Vref
Power good hysteresis voltage(1)
3
%Vref
Power good falling edge deglitch(1)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.3
V
Leakage current, PWRGD
VI = 5.5 V
1
µA
CURRENT LIMIT
Current limit
VI = 3.3 V(1), Output shorted
11
15
A
Current limit leading edge blanking time
100
ns
Current limit total response time
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(1)
135
150
165
°C
Thermal shutdown hysteresis(1)
10
°C
OUTPUT POWER MOSFETS
P
MOSFET
it h
VI = 3 V(4)
15
30
rDS(on)
Power MOSFET switches
VI = 3.6 V(4)
14
28
mΩ
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 10
(4) Matched MOSFETs low-side rDS(on) production tested, high-side rDS(on) production tested.


Similar Part No. - TPS54910_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54910_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54980 TI-TPS54980 Datasheet
249Kb / 17P
[Old version datasheet]   3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com