Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54872PWPG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54872PWPG4
Description  8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54872PWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54872PWPG4 Datasheet HTML 1Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 2Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 3Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 4Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54872PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS54872
SLVS436C − JULY 2002 − REVISED FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VI = 4 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SLOW-START/ENABLE
Enable threshold voltage, ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, ENA(1)
0.03
V
Falling edge deglitch, ENA(1)
2.5
µs
Internal slow-start time
2.6
3.35
4.1
ms
STATUS
Output saturation voltage, PWRGD
Isink = 2.5 mA
0.18
0.30
V
Leakage current, PWRGD
VI = 3.6 V
1
µA
CURRENT LIMIT
Current limit
VI = 4.5 V
9
11
A
Current limit leading edge blanking time
100
ns
Current limit total response time
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(1)
135
150
165
°C
Thermal shutdown hysteresis(1)
10
°C
OUTPUT POWER MOSFETS
rDS(on) Power MOSFET switches
VI = 4.5 V(4)
30
60
m
rDS(on) Power MOSFET switches
VI = 6 V(4)
25
50
m
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 7
(4) Matched MOSFETs low-side rDS(on) production tested, high-side rDS(on) production tested.


Similar Part No. - TPS54872PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54872PWP TI-TPS54872PWP Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872PWPR TI-TPS54872PWPR Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
More results

Similar Description - TPS54872PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI1-TPS54810_16 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54880 TI-TPS54880_15 Datasheet
759Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com