Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54810 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54810
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54810 Datasheet HTML 3Page - Texas Instruments TPS54810 Datasheet HTML 4Page - Texas Instruments TPS54810 Datasheet HTML 5Page - Texas Instruments TPS54810 Datasheet HTML 6Page - Texas Instruments TPS54810 Datasheet HTML 7Page - Texas Instruments TPS54810 Datasheet HTML 8Page - Texas Instruments TPS54810 Datasheet HTML 9Page - Texas Instruments TPS54810 Datasheet HTML 10Page - Texas Instruments TPS54810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS54810
SLVS420B − MARCH 2002 − R EVISED FEBRUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
0
10
20
30
40
50
60
−40
−15
10
35
60
85
110
135
VI = 5 V,
IO = 8 A
DRAIN-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 2
250
350
450
550
650
750
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNALLY SET
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
SYNC ≥ 2.5 V
SYNC ≤ 0.8 V
Figure 3
200
300
400
500
600
700
800
−40
0
25
85
125
TJ − Junction Temperature − °C
EXTERNALLY SET
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
RT = 68 k
RT = 100 k
RT = 180 k
Figure 4
0.885
0.887
0.889
0.891
0.893
0.895
−40
0
25
85
125
TJ − Junction Temperature − °C
VOLTAGE REFERENCE
vs
JUNCTION TEMPERATURE
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
012
3
45
67
8
IL − Load Current − A
DEVICE POWER LOSSES
vs
LOAD CURRENT
TJ = 125°C
fs = 700 kHz
VI = 5 V
Figure 5
Figure 6
VI − Input Voltage − V
OUTPUT VOLTAGE REGULATION
vs
INPUT VOLTAGE
0.885
0.887
0.889
0.891
0.893
0.895
4.5
4.8
5.1
5.4
5.7
6
Figure 7
−20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
10
10 k 100 k
10 M
f − Frequency − Hz
ERROR AMPLIFIER
OPEN LOOP RESPONSE
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
Figure 8
2.75
2.90
3.05
3.20
3.35
3.50
3.65
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNAL SLOW-START TIME
vs
JUNCTION TEMPERATURE
3.80


Similar Part No. - TPS54810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54810PWP TI-TPS54810PWP Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
More results

Similar Description - TPS54810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com