Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54680 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54680
Description  3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54680 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54680 Datasheet HTML 2Page - Texas Instruments TPS54680 Datasheet HTML 3Page - Texas Instruments TPS54680 Datasheet HTML 4Page - Texas Instruments TPS54680 Datasheet HTML 5Page - Texas Instruments TPS54680 Datasheet HTML 6Page - Texas Instruments TPS54680 Datasheet HTML 7Page - Texas Instruments TPS54680 Datasheet HTML 8Page - Texas Instruments TPS54680 Datasheet HTML 9Page - Texas Instruments TPS54680 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS54680
SLVS429B − OCTOBER 2002 − REVISED OCTOBER 2005
www.ti.com
6
INTERNAL BLOCK DIAGRAM
Falling
Edge
Deglitch
Enable
Comparator
1.2 V
2.95 V
Hysteresis: 0.03 V
2.5 µs
Falling
and
Rising
Edge
Deglitch
2.5 µs
VIN UVLO
Comparator
Hysteresis: 0.16 V
Multiplexer
Reference
+
Error
Amplifier
Thermal
Shutdown
150°C
SHUTDOWN
SS_DIS
PWM
Comparator
OSC
Leading
Edge
Blanking
100 ns
RQ
S
Adaptive Dead-Time
and
Control Logic
SHUTDOWN
30 mΩ
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
CO
PGND
PWRGD
Falling
Edge
Deglitch
35 µs
VSENSE
SHUTDOWN
0.90 Vref
Hysteresis: 0.03 Vref
Powergood
Comparator
AGND
VBIAS
ILIM
Comparator
Core
RT
COMP
VSENSE
ENA
TPS54680
30 mΩ
LOUT
TRACKIN
25 ns Adaptive
Dead Time
sense Fet
VIN
I/O
ADDITIONAL 6A SWIFT™ DEVICES, (REFER TO SLVS397 AND SLVS400)
DEVICE
OUTPUT VOLTAGE
DEVICE
OUTPUT VOLTAGE
DEVICE
OUTPUT VOLTAGE
TPS54611
0.9 V
TPS54614
1.8 V
TPS54672
Active terminal
TPS54612
1.2 V
TPS54615
2.5 V
TPS54610
Adjustable
TPS54613
1.5 V
TPS54616
3.3 V
RELATED DC/DC PRODUCTS
D UCC3585—dc/dc controller
D TPS56300—dc/dc controller
D TPS759xx—7.5-A low dropout regulator
D PT6440 series—6-A plugin modules


Similar Part No. - TPS54680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680 TI-TPS54680 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-EP TI1-TPS54680-EP Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
More results

Similar Description - TPS54680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-Q1 TI1-TPS54680-Q1 Datasheet
288Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680 TI-TPS54680_15 Datasheet
809Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com