Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54680PWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54680PWPRG4
Description  3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54680PWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54680PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 12Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 13Page - Texas Instruments TPS54680PWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS54680
SLVS429B − OCTOBER 2002 − REVISED OCTOBER 2005
www.ti.com
10
AGND
BOOT
VSENSE
COMP
PWRGD
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
ENA
TRACKIN
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
VOUT
PH
VIN
TOPSIDE GROUND AREA
VIA to Ground Plane
ANALOG GROUND TRACE
EXPOSED
POWERPAD
AREA
COMPENSATION
NETWORK
OUTPUT INDUCTOR
OUTPUT
FILTER
CAPACITOR
BOOT
CAPACITOR
INPUT
BYPASS
CAPACITOR
INPUT
BULK
FILTER
RESISTOR DIVIDER
NETWORK
BIAS CAPACITOR
TRACKING VOLTAGE
Figure 10. TPS54680 PCB Layout


Similar Part No. - TPS54680PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680PWP TI-TPS54680PWP Datasheet
228Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
More results

Similar Description - TPS54680PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-Q1 TI1-TPS54680-Q1 Datasheet
288Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680 TI-TPS54680_15 Datasheet
809Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com