Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54372 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54372
Description  3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54372 Datasheet HTML 4Page - Texas Instruments TPS54372 Datasheet HTML 5Page - Texas Instruments TPS54372 Datasheet HTML 6Page - Texas Instruments TPS54372 Datasheet HTML 7Page - Texas Instruments TPS54372 Datasheet HTML 8Page - Texas Instruments TPS54372 Datasheet HTML 9Page - Texas Instruments TPS54372 Datasheet HTML 10Page - Texas Instruments TPS54372 Datasheet HTML 11Page - Texas Instruments TPS54372 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
J2
+
+
J1 2
1
VI
GND
TP1
C4
10
µF
TP2
TP3
U1
TPS54372PWP
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AGND
VSENSE
COMP
STATUS
BOOT
PH
PH
PH
PH
PH
PwrPAD
21
RT
ENA
REFIN
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
R2
36.5 k
C2
470 pF
C1
12 pF
C6
0.047 pF
R1
10 k
R3
1.21 k
C3
1500 pF
TP4
R4
2.4
C5
3300 pF
L1
1
µH
1
2
C7
150
µF
C10
150
µF
C11
1
µF
TP5
TP6
TP7
1
2
VTTQ
GND
TP8
C8
10
µF
C9
1
µF
R5
71.5 k
R7
10 k
C12
0.1
µF
C13
0.1
µF
R6
10 k
TP9
J2
1
2
VDDQ
GND
TYPICAL CIRCUIT
INPUT VOLTAGE
COMPONENT SELECTION
FEEDBACK CIRCUIT
TPS54372
SLVS430D – JUNE 2002 – REVISED FEBRUARY 2005
Figure 8. Application Circuit
Figure 8 shows the schematic diagram for a typical
The input voltage is a nominal 3.3 or 5.0 Vdc. The
TPS54372 application. The TPS54372 (U1) can pro-
input filter (C4) is a 10-µF ceramic capacitor (Taiyo
vide up to 3 A of output current at a nominal output
Yuden). Capacitor C8, a 10-µF ceramic capacitor
voltage of one half of VDDQ (typically 1.25 V). For
(Taiyo Yuden) that provides high-frequency decoup-
proper operation, the PowerPAD underneath the
ling of the TPS54372 from the input supply, must be
integrated circuit TPS54372 is soldered directly to the
located as close as possible to the device. Ripple
printed-circuit board.
current is carried in both C4 and C8, and the return
path to PGND should avoid the current circulating in
the output capacitors C7, C10, and C11.
The values for the components used in this design
example were selected for good transient response
and small PCB area. Special polymer capacitors are
The values for these components are selected to
used in the output filter circuit. A small size, small
provide fast transient response times. Components
value output inductor is also used. Compensation
R1, R2, R3, C1, C2, and C3 form the loop compen-
network
components
are
chosen
to
maximize
sation network for the circuit. For this design, a
closed-loop bandwidth and provide good transient
Type-3 topology is used. The transfer function of the
response characteristics. Additional design infor-
feedback network is chosen to provide maximum
mation is available at www.ti.com.
closed-loop gain available with open-loop character-
istics of the internal error amplifier. Closed-loop
crossover frequency is typically between 80 kHz and
125 kHz for input from 3 V to 6 V.
8


Similar Part No. - TPS54372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54372 TI-TPS54372 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54372 TI-TPS54372 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54372 TI1-TPS54372 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
More results

Similar Description - TPS54372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com