Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54357PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54357PWP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54357PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54357PWP Datasheet HTML 4Page - Texas Instruments TPS54357PWP Datasheet HTML 5Page - Texas Instruments TPS54357PWP Datasheet HTML 6Page - Texas Instruments TPS54357PWP Datasheet HTML 7Page - Texas Instruments TPS54357PWP Datasheet HTML 8Page - Texas Instruments TPS54357PWP Datasheet HTML 9Page - Texas Instruments TPS54357PWP Datasheet HTML 10Page - Texas Instruments TPS54357PWP Datasheet HTML 11Page - Texas Instruments TPS54357PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
8
FUNCTIONAL BLOCK DIAGRAM
VBIAS
PH
BOOT
VIN
LSG
VBIAS
Error
Amplifier
2x Oscillator
PWM Ramp
(FeedFoward)
SYNC
RT
VSENSE
PWM
Comparator
Reference
System
ENA
VBIAS2
Hiccup
Timer
Thermal
Shutdown
Current Limit
Hiccup
Hiccup
UVLO
UVLO
UVLO
1.2V
Bias + Drive
Regulator
PWRGD
AGND
PGND
Rising
Edge
Delay
VBIAS
COMP
Adaptive Deadtime
and
Control Logic
97% Ref
POWERPAD
VSENSE
UVLO
S
R
Q
320 k
125 k
Ω(1)
5
µA
(1) 75 kΩ for the TPS54357
Z3
Z1
Z2
Z5
Z4
TPS5435X
DETAILED DESCRIPTION
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) system has an internal
voltage divider from VIN to AGND. The defaults for the
start/stop values are labeled VIN and given in Table 1. The
internal UVLO threshold can be overridden by placing an
external resistor divider from VIN to ground. The internal
divider values are approximately 320 k
Ω for the high side
resistor and 125 k
Ω for the low side resistor. The divider
ratio (and therefore the default start/stop values) is quite
accurate, but the absolute values of the internal resistors
may vary as much as 15%. If high accuracy is required for
an externally adjusted UVLO threshold, select lower value
external resistors to set the UVLO threshold. Using a 1-k
resistor for the low side resistor (R2 see Figure 1) is
recommended. Under no circumstances should the UVLO
pin be connected directly to VIN.
Table 1. Start/Stop Voltage Threshold
START VOLTAGE THRESHOLD
STOP VOLTAGE THRESHOLD
VIN (Default)
TPS54352−6
4.49
3.69
VIN (Default)
TPS54357
6.65
5.45
UVLO
1.24
1.02
The equations for selecting the UVLO resistors are:
R1
+
VIN(start)
1k
W
1.24 V
* 1kW
VIN(stop)
+
(R1
) 1kW)
1.02 V
1k
W
(1)
(2)


Similar Part No. - TPS54357PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54357PWP TI-TPS54357PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results

Similar Description - TPS54357PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com