Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54353PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54353PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54353PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS54353PWPR Datasheet HTML 1Page - Texas Instruments TPS54353PWPR Datasheet HTML 2Page - Texas Instruments TPS54353PWPR Datasheet HTML 3Page - Texas Instruments TPS54353PWPR Datasheet HTML 4Page - Texas Instruments TPS54353PWPR Datasheet HTML 5Page - Texas Instruments TPS54353PWPR Datasheet HTML 6Page - Texas Instruments TPS54353PWPR Datasheet HTML 7Page - Texas Instruments TPS54353PWPR Datasheet HTML 8Page - Texas Instruments TPS54353PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IQ
Quiescent current
Operating current, PH pin open,
No external low side MOSFET, RT = Hi-Z
5
mA
IQ
Quiescent current
Shutdown, ENA = 0 V
1
mA
Start threshold voltage
TPS54352−6
4.32
4.49
V
Start threshold voltage
TPS54357
6.4
6.65
V
VIN
Stop threshold voltage
TPS54352−6
3.69
3.97
V
VIN
Stop threshold voltage
TPS54357
5.45
5.80
V
Hysteresis
TPS54352−6
350
mV
Hysteresis
TPS54357
600
mV
OUTPUT VOLTAGE
TPS54352
TJ = 25°C, IO = 100 mA to 3 A
1.88
1.2
1.212
TPS54352
IO = 100 mA to 3 A
1.176
1.2
1.224
TPS54353
TJ = 25°C, IO = 100 mA to 3 A
1.485
1.5
1.515
TPS54353
IO = 100 mA to 3 A
1.47
1.5
1.53
TPS54354
TJ = 25°C, IO = 100 mA to 3 A
1.782
1.8
1.818
VO
Output voltage
TPS54354
IO = 100 mA to 3 A
1.764
1.8
1.836
V
VO
Output voltage
TPS54355
TJ = 25°C, IO = 100 mA to 3 A
2.475
2.5
2.525
V
TPS54355
IO = 100 mA to 3 A
2.45
2.5
2.55
TPS54356
TJ = 25°C, VIN = 5.5 V to 20 V, IO = 100 mA to 3 A
3.267
3.3
3.333
TPS54356
VIN = 5.5 V to 20 V, IO = 100 mA to 3 A
3.234
3.3
3.366
TPS54357
TJ = 25°C, VIN = 7.5 V to 20 V, IO = 100 mA to 3 A
4.95
5.0
5.05
TPS54357
VIN = 7.5 V to 20 V, IO = 100 mA to 3 A
4.90
5.0
5.10
UNDER VOLTAGE LOCK OUT (UVLO PIN)
Start threshold voltage
1.20
1.24
V
UVLO
Stop threshold voltage
1.02
1.10
V
UVLO
Hysteresis
100
mV
BIAS VOLTAGE (VBIAS PIN)
VBIAS
Output voltage
IVBIAS = 1 mA, VIN ≥ 12 V
7.5
7.8
8.0
V
VBIAS
Output voltage
IVBIAS = 1 mA, VIN = 4.5 V
4.4
4.47
4.5
V
OSCILLATOR (RT PIN)
Internally set PWM switching frequency
RT Grounded
200
250
300
kHz
Internally set PWM switching frequency
RT Open
400
500
600
kHz
Externally set PWM switching frequency
RT = 100 k
Ω (1% resistor to AGND)
425
500
575
kHz


Similar Part No. - TPS54353PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54353PWPR TI-TPS54353PWPR Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54353PWPRG4 TI-TPS54353PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
More results

Similar Description - TPS54353PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com