Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54350 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54350
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54350 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54350 Datasheet HTML 1Page - Texas Instruments TPS54350 Datasheet HTML 2Page - Texas Instruments TPS54350 Datasheet HTML 3Page - Texas Instruments TPS54350 Datasheet HTML 4Page - Texas Instruments TPS54350 Datasheet HTML 5Page - Texas Instruments TPS54350 Datasheet HTML 6Page - Texas Instruments TPS54350 Datasheet HTML 7Page - Texas Instruments TPS54350 Datasheet HTML 8Page - Texas Instruments TPS54350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS54350
SLVS456C − OCTOBER 2003 − REVISED OCTOBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FEED− FORWARD MODULATOR (INTERNAL SIGNAL)
Modulator gain
VIN = 12 V, TJ = 25°C
8
V/V
Modulator gain variation
−25%
25%
Minimum controllable ON time (1)
180
ns
Maximum duty factor (1)
VIN = 4.5 V
80%
86%
ERROR AMPLIFIER (VSENSE AND COMP PINS)
Error amplifier open loop voltage gain (1)
60
80
dB
Error amplifier unity gain bandwidth (1)
1.0
2.8
MHz
Input bias current, VSENSE pin
500
nA
COMP
Output voltage slew rate (symmetric) (1)
1.5
V/
µs
ENABLE (ENA PIN)
Disable low level input voltage
0.5
V
Internal slow-start time (10% to 90%)
fs = 250 kHz, RT = ground (1)
4.6
ms
Internal slow-start time (10% to 90%)
fs = 500 kHz, RT = Hi−Z (1)
2.3
ms
Pullup current source
1.8
5
10
µA
Pulldown MOSFET
II(ENA)=1 mA
0.1
V
POWER GOOD (PWRGD PIN)
Power good threshold
Rising voltage
97%
Rising edge delay (1)
fs = 250 kHz
4
ms
Rising edge delay (1)
fs = 500 kHz
2
ms
Output saturation voltage
Isink = 1 mA, VIN > 4.5 V
0.05
V
PWRGD
Output saturation voltage
Isink = 100 µA, VIN = 0 V
0.76
V
PWRGD
Open drain leakage current
Voltage on PWRGD = 6 V
3
µA
CURRENT LIMIT
Current limit
VIN = 12 V
3.3
4.5
6.5
A
Current limit Hiccup Time (1)
fs = 500 kHz
4.5
ms
THERMAL SHUTDOWN
Thermal shutdown trip point (1)
165
_C
Thermal shutdown hysteresis (1)
7
_C
LOW SIDE MOSFET DRIVER (LSG PIN)
Turn on rise time, (10%/90%) (1)
VIN = 4.5 V, Capacitive load = 1000 pF
15
ns
Deadtime (1)
VIN = 12 V
60
ns
Driver ON resistance
VIN = 4.5 V sink/source
7.5
Driver ON resistance
VIN = 12 V sink/source
5
OUTPUT POWER MOSFETS (PH PIN)
Phase node voltage when disabled
DC conditions and no load, ENA = 0 V
0.5
V
Voltage drop, low side FET and diode
VIN = 4.5 V, Idc = 100 mA
1.13
1.42
V
Voltage drop, low side FET and diode
VIN = 12 V, Idc = 100 mA
1.08
1.38
V
rDS(ON), high side power MOSFET switch(2)
VIN = 4.5 V, BOOT−PH = 4.5 V, IO = 0.5 A
150
300
m
rDS(ON), high side power MOSFET switch(2)
VIN = 12 V, BOOT−PH = 8 V, IO = 0.5 A
100
200
m
(1) Ensured by design, not production tested.
(2) Resistance from VIN to PH pins.


Similar Part No. - TPS54350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54350 TI-TPS54350 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com