Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM79-60180LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM79-60180LF
Description  Low Cost Medium Power Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM79-60180LF Datasheet(HTML) 2 Page - Bi technologies

  HM79-60180LF Datasheet HTML 1Page - Bi technologies HM79-60180LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost Medium Power
Surface Mount Inductors
MODEL HM79
Make Possible
Specifications@25°C
OutlineDimensions(Inch/mm)/Packaging
OrderingInformation
Part
Number
Inductance
μH ± 20% (1)
DC
Resistance
Ω Max .
Rated
Current (2)
Amps
Part
Number
Inductance
μH ± 20% (1)
DC
Resistance
Ω Max .
Rated
Current (2)
Amps
HM79-50470LF
47
0.170
1.10
HM79-60270LF
27
0.11
1.76
HM79-50560LF
56
0.199
1.01
HM79-60330LF
33
0.12
1.50
HM79-50680LF
68
0.223
0.91
HM79-60390LF
39
0.14
1.37
HM79-50820LF
82
0.252
0.85
HM79-60470LF
47
0.17
1.28
HM79-50101LF
100
0.344
0.74
HM79-60560LF
56
0.19
1.17
HM79-50121LF
120
0.396
0.69
HM79-60680LF
68
0.22
1.11
HM79-50151LF
150
0.544
0.61
HM79-60820LF
82
0.25
1.00
HM79-50181LF
180
0.621
0.56
HM79-60101LF
100
0.35
0.97
HM79-50221LF
220
0.721
0.53
HM79-60121LF
120
0.40
0.89
HM79-50271LF
270
0.949
0.45
HM79-60151LF
150
0.47
0.78
HM79-50331LF
330
1.100
0.42
HM79-60181LF
180
0.63
0.72
HM79-50391LF
390
1.245
0.38
HM79-60221LF
220
0.73
0.66
HM79-50471LF
470
1.526
0.35
HM79-60271LF
270
0.97
0.57
HM79-50561LF
560
1.904
0.32
HM79-60331LF
330
1.15
0.52
HM79-60100LF
10
0.06
2.60
HM79-60391LF
390
1.30
0.48
HM79-60120LF
12
0.07
2.45
HM79-60471LF
470
1.48
0.42
HM79-60150LF
15
0.08
2.27
HM79-60561LF
560
1.90
0.33
HM79-60180LF
18
0.09
2.15
HM79-60681LF
680
2.25
0.28
HM79-60220LF
22
0.10
1.95
HM79-60821LF
820
2.55
0.24
Notes: (1) Testconditionsforcasesizes10,20,45&46=100kHz,0.1VrmswithoutDCcurrent.Inductanceforcasesizes30,40,50&60ismeasured
at1kHzwithoutDCcurrent.
(2) RatedDCcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby10%fromitsinitial(zeroDC)valueortheDCcurrent
atwhichΔT=40°C,whicheverislower.
Case
size
A
B
C
D
E
F
G
Reel
Capacity
10
.177
4.5
.158
4.0
.126
3.2
.177
4.5
.205
5.2
.059
1.5
.069
1.75
1500
20
.228
5.8
.205
5.2
.177
4.5
.228
5.8
.240
6.1
.067
1.7
.085
2.15
1500
30
.307
7.8
.276
7.0
.140
3.5
.315
8.0
.315
8.0
.079
2.0
.118
3.0
1000
40
.307
7.8
.276
7.0
.199
5.0
.315
8.0
.315
8.0
.079
2.0
.118
3.0
1000
45
.307
7.8
.276
7.0
.228
5.8
.315
8.0
.315
8.0
.079
2.0
.118
3.0
800
46
.307
7.8
276
7.0
.307
7.8
.315
8.0
.315
8.0
.079
2.0
.118
3.0
500
50
.394
10.0
.354
9.0
.158
4.0
.394
10.0
.394
10.0
.098
2.5
.148
3.75
1000
60
.394
10.0
.354
9.0
.213
5.4
.394
10.0
.394
10.0
.098
2.5
.148
3.75
500
Top View
Side View
Bottom View
Recommended Solder Pad Layout
HM79 - 30 101 LF TR13
Model Series
Case Size:
10, 20, 30, 40,
45, 46, 50, 60
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10μH,
‘R’ denotes the decimal point.
TR - Tape & Reel Packing
13 - 13” reel
Lead Free
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM79-60180LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM79-60181LF BITECH-HM79-60181LF Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
More results

Similar Description - HM79-60180LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Bi technologies
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
HM71 BITECH-HM71 Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
   LOW COST SURFACE MOUNT VCXOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com