Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM78-50121LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM78-50121LF
Description  Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM78-50121LF Datasheet(HTML) 2 Page - Bi technologies

  HM78-50121LF Datasheet HTML 1Page - Bi technologies HM78-50121LF Datasheet HTML 2Page - Bi technologies HM78-50121LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Surface
Mount Inductors
MODEL HM78
Make Possible
Packaging
Schematic
Specifications@25°C(Continued)
Part Number Inductance
μH ± 20% (1)
DC
Resistance
Ω Max.
Rated
Current (2)
Amps
Figure
Part Number Inductance
μH ± 20% (1)
DC
Resistance
Ω Max.
Rated
Current (2)
Amps
Figure
HM78-45680LF
68
0.220
1.5
3
HM78-50151LF
150
0.23
1.0
3
HM78-45820LF
82
0.260
1.3
3
HM78-50181LF
180
0.29
0.9
3
HM78-45101LF
100
0.308
1.2
3
HM78-50221LF
220
0.40
0.8
3
HM78-45121LF
120
0.380
1.1
3
HM78-50271LF
270
0.46
0.75
3
HM78-45151LF
150
0.530
0.95
3
HM78-50331LF
330
0.51
0.68
3
HM78-45181LF
180
0.620
0.85
3
HM78-50391LF
390
0.69
0.65
3
HM78-45221LF
220
0.700
0.80
3
HM78-50471LF
470
0.77
0.58
3
HM78-45271LF
270
0.876
0.60
3
HM78-50561LF
560
0.86
0.54
3
HM78-45331LF
330
0.990
0.50
3
HM78-50681LF
680
1.20
0.48
3
HM78-501R5LF
1.5±25%
0.012
13.0
3
HM78-50821LF
820
1.34
0.43
3
HM78-502R2LF
2.2±25%
0.014
7.0
3
HM78-50102LF
1000
1.53
0.40
3
HM78-503R1LF
3.1±25%
0.017
6.0
3
HM78-50182LF
1800
3.20
0.30
3
HM78-504R4LF
4.4±25%
0.020
5.0
3
HM78-601R4LF
1.4±30%
0.007
12.0
3
HM78-505R2LF
5.2±25%
0.021
4.4
3
HM78-602R4LF
2.4±30%
0.012
8.0
3
HM78-507R5LF
7.5±25%
0.024
4.2
3
HM78-603R9LF
3.9±30%
0.014
7.5
3
HM78-50100LF
10
0.025
4.0
3
HM78-604R7LF
4.7±30%
0.016
6.8
3
HM78-50120LF
12
0.027
3.5
3
HM78-605R6LF
5.6±30%
0.018
6.6
3
HM78-50150LF
15
0.030
3.3
3
HM78-607R6LF
7.6±30%
0.020
5.9
3
HM78-50180LF
18
0.034
3.0
3
HM78-60100LF
10
0.022
5.4
3
HM78-50220LF
22
0.036
2.8
3
HM78-60120LF
12
0.025
4.9
3
HM78-50270LF
27
0.051
2.3
3
HM78-60150LF
15
0.027
4.5
3
HM78-50330LF
33
0.057
2.1
3
HM78-60180LF
18
0.039
3.9
3
HM78-50390LF
39
0.068
2.0
3
HM78-60220LF
22
0.043
3.6
3
HM78-50470LF
47
0.075
1.8
3
HM78-60270LF
27
0.046
3.4
3
HM78-50560LF
56
0.11
1.7
3
HM78-60330LF
33
0.065
3.0
3
HM78-50680LF
68
0.12
1.5
3
HM78-60390LF
39
0.073
2.75
3
HM78-50820LF
82
0.14
1.4
3
HM78-60470LF
47
0.085
2.5
3
HM78-50101LF
100
0.16
1.5
3
HM78-60221LF
220
0.37
1.2
3
HM78-50121LF
120
0.17
1.1
3
Notes:
(1)Inductanceismeasuredat1.0kHzwithoutDCcurrent.
(2)RatedDCcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby10%fromitsinitial(zeroDC)valueortheDCcurrent
atwhichΔT=40°C,whicheverislower.
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 10, 30, 40
=
1,000 Units
Case size 20, 45, 50, 60
=
500 Units
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM78-50121LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78-50121LF BITECH-HM78-50121LF Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
More results

Similar Description - HM78-50121LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com