Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54326RGTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54326RGTT
Description  4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54326RGTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS54326RGTT Datasheet HTML 1Page - Texas Instruments TPS54326RGTT Datasheet HTML 2Page - Texas Instruments TPS54326RGTT Datasheet HTML 3Page - Texas Instruments TPS54326RGTT Datasheet HTML 4Page - Texas Instruments TPS54326RGTT Datasheet HTML 5Page - Texas Instruments TPS54326RGTT Datasheet HTML 6Page - Texas Instruments TPS54326RGTT Datasheet HTML 7Page - Texas Instruments TPS54326RGTT Datasheet HTML 8Page - Texas Instruments TPS54326RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
V
(50mV/div)
OUT
I
(1 A/div)
OUT
100
s/div
m
TPS54326
www.ti.com
SLVSA13E – OCTOBER 2009 – REVISED JUNE 2012
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode™
Check for Samples: TPS54326
1
FEATURES
DESCRIPTION
The TPS54326 is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. The TPS54326
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end equipment’s power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VCC Input Voltage Range: 4.5 V to 18 V
TPS54326 uses the D-CAP2™ mode control which
Wide VIN Input Voltage Range: 2 V to 18 V
provides a fast transient response with no external
Output Voltage Range: 0.76 V to 5.5 V
components. The adoptive on-time control supports
Highly Efficient Integrated FET’s Optimized
seamless operation between PWM mode at heavy
load condition and reduced frequency Eco-mode™
for Lower Duty Cycle Applications
operation at light load for high efficiency.
- 120 m
Ω (High Side) and 70 mΩ (Low Side)
High Efficiency, less than 10
μA at Shutdown
The TPS54326 also has a proprietary circuit that
enables the device to adapt to both low equivalent
Auto-Skip Eco-mode™ for High Efficiency at
series resistance (ESR) output capacitors, such as
Light Load
POSCAP or SP-CAP, and ultra-low ESR ceramic
High Initial Bandgap Reference Accuracy
capacitors. The device operates from 4.5-V to 18-V
Adjustable Soft Start
VCC input , and from 2-V to 18-V VIN input power
supply
voltage.
The
output
voltage
can
be
Pre-Biased Soft Start
programmed between 0.76 V and 5.5 V. The device
700-kHz Switching Frequency (fSW)
also features an adjustable slow start time and a
Cycle-By-Cycle Overcurrent Limit
power good function. The TPS54326 is available in
the 14 pin HTSSOP or 16 pin QFN package, and
Power Good Output
designed to operate from –40°C to 85°C.
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode, PowerPAD are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54326RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54326PWP TI-TPS54326PWP Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54326PWPR TI-TPS54326PWPR Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
More results

Similar Description - TPS54326RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com