Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM71-50102LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM71-50102LF
Description  High Performance Low Cost Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM71-50102LF Datasheet(HTML) 1 Page - Bi technologies

  HM71-50102LF Datasheet HTML 1Page - Bi technologies HM71-50102LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Low Cost
Surface Mount Inductors
Model HM71
Make Possible
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +125°C
Temperature Rise at Irms, Typical 40°C
Operating Frequency Up to 1MHz
RoHS Compliant
Notes: (1) Inductance is measured at 100 kHz, 0.1 Vrms.
(2) DC resistance is measured at 20°C.
(3)Isatisthesaturationcurrentatwhichinductancerollsoffapproximately10%.
(4)IrmsistheapproximatecurrentatwhichΔT=40°C.
Specifications
Part Number
Inductance(1)
μH ± 20%
DCR(2)
Ω Max.
I
sat
(3)
Amps
I
rms
(4)
Amps rms
Part Number
Inductance(1)
μH ± 20%
DCR (2)
Ω Max.
I
sat
(3)
Amps
I
rms
(4)
Amps rms
HM71-101R0LF
1.0
0.05
2.9
2.9
HM71-30330LF
33
0.10
2.0
2.1
HM71-101R5LF
1.5
0.05
2.6
2.8
HM71-30470LF
47
0.14
1.6
1.8
HM71-102R2LF
2.2
0.07
2.3
2.4
HM71-30680LF
68
0.20
1.4
1.5
HM71-103R3LF
3.3
0.08
2.0
2.0
HM71-30101LF
100
0.28
1.2
1.3
HM71-104R7LF
4.7
0.09
1.5
1.5
HM71-30151LF
150
0.40
1.0
1.0
HM71-106R8LF
6.8
0.13
1.2
1.4
HM71-30221LF
220
0.61
0.8
0.8
HM71-10100LF
10
0.16
1.1
1.1
HM71-30331LF
330
1.02
0.6
0.6
HM71-10150LF
15
0.23
0.9
1.2
HM71-30471LF
470
1.27
0.5
0.5
HM71-10220LF
22
0.37
0.7
0.8
HM71-30681LF
680
2.02
0.4
0.4
HM71-10330LF
33
0.51
0.58
0.6
HM71-30102LF
1000
3.00
0.3
0.3
HM71-10470LF
47
0.64
0.5
0.5
HM71-40100LF
10
0.040
8.0
3.5
HM71-10680LF
68
0.86
0.4
0.4
HM71-40150LF
15
0.050
7.0
3.0
HM71-10101LF
100
1.27
0.31
0.3
HM71-40220LF
22
0.066
5.5
2.5
HM71-10151LF
150
2.00
0.27
0.25
HM71-40330LF
33
0.080
4.0
2.0
HM71-10221LF
220
2.65
0.22
0.2
HM71-40470LF
47
0.110
3.8
1.6
HM71-10331LF
330
3.8
0.18
0.16
HM71-40680LF
68
0.170
3.0
1.2
HM71-10471LF
470
5.06
0.16
0.15
HM71-40101LF
100
0.220
2.5
1.2
HM71-10681LF
680
9.20
0.14
0.12
HM71-40151LF
150
0.340
2.0
0.9
HM71-10102LF
1000
13.8
0.1
0.07
HM71-40221LF
220
0.440
1.6
0.7
HM71-20100LF
10
0.11
2.4
2.0
HM71-40331LF
330
0.70
1.2
0.6
HM71-20150LF
15
0.15
2.0
1.5
HM71-40471LF
470
0.950
1.0
0.3
HM71-20220LF
22
0.23
1.6
1.3
HM71-40681LF
680
1.20
1.0
0.2
HM71-20330LF
33
0.30
1.4
1.1
HM71-40102LF
1000
2.00
0.8
0.1
HM71-20470LF
47
0.39
1.0
0.8
HM71-501R0LF
1.0
0.009
20.0
8.6
HM71-20680LF
68
0.66
0.9
0.7
HM71-502R2LF
2.2
0.014
16.0
7.1
HM71-20101LF
100
0.84
0.7
0.6
HM71-503R3LF
3.3
0.015
14.0
6.2
HM71-20151LF
150
1.20
0.6
0.5
HM71-505R6LF
5.6
0.020
12.0
5.3
HM71-20221LF
220
1.90
0.5
0.4
HM71-50100LF
10
0.031
10.0
4.3
HM71-20331LF
330
2.70
0.4
0.3
HM71-50150LF
15
0.036
8.0
4.0
HM71-20471LF
470
4.00
0.3
0.2
HM71-50220LF
22
0.047
7.0
3.5
HM71-20681LF
680
5.30
0.2
0.1
HM71-50330LF
33
0.066
5.5
3.0
HM71-20102LF
1000
8.40
0.1
0.05
HM71-50470LF
47
0.086
4.5
2.6
HM71-301R0LF
1.0
0.009
9.0
6.8
HM71-50680LF
68
0.130
3.5
2.3
HM71-301R5LF
1.5
0.010
8.0
6.4
HM71-50101LF
100
0.190
3.0
1.8
HM71-302R2LF
2.2
0.012
7.0
6.1
HM71-50151LF
150
0.250
2.6
1.5
HM71-303R3LF
3.3
0.015
6.4
5.4
HM71-50221LF
220
0.380
2.4
1.2
HM71-304R7LF
4.7
0.018
5.4
4.8
HM71-50331LF
330
0.560
1.9
1.0
HM71-306R8LF
6.8
0.027
4.6
4.4
HM71-50471LF
470
0.850
1.4
0.82
HM71-30100LF
10
0.038
3.8
3.9
HM71-50681LF
680
1.10
1.2
0.72
HM71-30150LF
15
0.046
3.0
3.1
HM71-50102LF
1000
1.80
1.0
0.56
HM71-30220LF
22
0.085
2.6
2.7
Rev. 01
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com


Similar Part No. - HM71-50102LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM71-50102LF BITECH-HM71-50102LF Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71-50102LF TTELEC-HM71-50102LF Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
More results

Similar Description - HM71-50102LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Bi technologies
HM71 BITECH-HM71 Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com