Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC272BCPE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272BCPE4
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC272BCPE4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC272BCPE4 Datasheet HTML 1Page - Texas Instruments TLC272BCPE4 Datasheet HTML 2Page - Texas Instruments TLC272BCPE4 Datasheet HTML 3Page - Texas Instruments TLC272BCPE4 Datasheet HTML 4Page - Texas Instruments TLC272BCPE4 Datasheet HTML 5Page - Texas Instruments TLC272BCPE4 Datasheet HTML 6Page - Texas Instruments TLC272BCPE4 Datasheet HTML 7Page - Texas Instruments TLC272BCPE4 Datasheet HTML 8Page - Texas Instruments TLC272BCPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent schematic (each amplifier)
P5
P6
OUT
N7
N6
R7
N4
C1
R5
N3
GND
N2
D2
R4
D1
R3
N1
IN +
IN –
P1
R1
P2
R2
N5
R6
P3
P4
VDD
TLC272Y chip information
This chip, when properly assembled, displays characteristics similar to the TLC272C. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
1OUT
1IN +
1IN –
VDD
(8)
(6)
(3)
(2)
(5)
(1)
+
(7)
2IN +
2IN –
2OUT
(4)
GND
60
73


Similar Part No. - TLC272BCPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272BCPE4 TI-TLC272BCPE4 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCPE4 TI-TLC272BCPE4 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC272BCPE4

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033_05 Datasheet
102Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
TEB1033 STMICROELECTRONICS-TEB1033 Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LT1013A TI-LT1013A Datasheet
546Kb / 30P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013 TI-LT1013 Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com