Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERA15-02 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # ERA15-02
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ERA15-02 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  ERA15-02 Datasheet HTML 1Page - Diode Semiconductor Korea ERA15-02 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
5
10
15
25
20
30
40
35
45
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8100
40 60 80
50
25
0
75
.2
.4
.6
.8
1.0
125
100
150
200
175
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
.1
.2
.4
1.0
2
4
10 20
40
100
1
2
4
10
20
40
60
100
TJ=25
f=1MHz
0.6
TJ=25
Pulse Width=300uS
0.04
0.01
0.1
0.4
10
1.0
2
4
100
0.8 1.0 1.2 1.4
2.0
1.6 1.8
FIG.1 -- TYPICAL FORWARD CHARACTERISTIC
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
ERA15-01---ERA15-10
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- FORWARD DERATING CURVE
AMBIENNT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ERA15-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ERA15-02 ETC1-ERA15-02 Datasheet
169Kb / 2P
   General Purpose Plastic Rectifier
logo
Galaxy Semi-Conductor H...
ERA15-02 BILIN-ERA15-02 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
ERA15-02 TAYCHIPST-ERA15-02 Datasheet
2Mb / 2P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
ERA15-02 LUGUANG-ERA15-02 Datasheet
162Kb / 2P
   Plastic Silicon Rectifiers
More results

Similar Description - ERA15-02

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com