Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54314MPWPREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54314MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54314MPWPREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54314MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 13Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 14Page - Texas Instruments TPS54314MPWPREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
Slow-Start/Enable (SS/ENA)
t
d +
C
(SS)
1.2 V
5 mA
(2)
t
(SS) +
C
(SS)
0.7 V
5 mA
(3)
VBIAS Regulator (VBIAS)
Voltage Reference
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
PERFORMANCE GRAPHS (continued)
The slow-start/enable pin provides two functions; first, the pin acts as an enable (shutdown) control by keeping
the device turned off until the voltage exceeds the start threshold voltage of approximately 1.2 V. When SS/ENA
exceeds the enable threshold, device start up begins. The reference voltage fed to the error amplifier is linearly
ramped up from 0 V to 0.891 V in 3.35 ms. Similarly, the converter output voltage reaches regulation in
approximately 3.35 ms. Voltage hysteresis and a 2.5-
µs falling edge deglitch circuit reduce the likelihood of
triggering the enable due to noise.
DEVICE
OUTPUT VOLTAGE
SLOW START
TPS54311
0.9 V
3.3 ms
TPS54312
1.2 V
4.5 ms
TPS54313
1.5 V
5.6 ms
TPS54314
1.8 V
3.3 ms
TPS54315
2.5 V
4.7 ms
TPS54316
3.3 V
6.1 ms
The second function of the SS/ENA pin provides an external means of extending the slow-start time with a
low-value capacitor connected between SS/ENA and AGND. Adding a capacitor to the SS/ENA pin has two
effects on start-up. First, a delay occurs between release of the SS/ENA pin and start up of the output. The
delay is proportional to the slow-start capacitor value and lasts until the SS/ENA pin reaches the enable
threshold. The start-up delay is approximately:
Second, as the output becomes active, a brief ramp-up at the internal slow-start rate may be observed before
the externally set slow-start rate takes control and the output rises at a rate proportional to the slow-start
capacitor. The slow-start time set by the capacitor is approximately:
The actual slow-start is likely to be less than the above approximation due to the brief ramp-up at the internal
rate.
The VBIAS regulator provides internal analog and digital blocks with a stable supply voltage over variations in
junction temperature and input voltage. A high quality, low-ESR, ceramic bypass capacitor is required on the
VBIAS pin. X7R or X5R grade dielectrics are recommended because their values are more stable over
temperature. The bypass capacitor should be placed close to the VBIAS pin and returned to AGND. External
loading on VBIAS is allowed, with the caution that internal circuits require a minimum VBIAS of 2.7 V and
external loads on VBIAS with ac or digital switching noise may degrade performance. The VBIAS pin may be
useful as a reference voltage for external circuits.
The voltage reference system produces a precise Vref signal by scaling the output of a temperature stable
bandgap circuit. During manufacture, the bandgap and scaling circuits are trimmed to produce 0.891 V at the
output of the error amplifier, with the amplifier connected as a voltage follower. The trim procedure adds to the
high precision regulation of the TPS54311-16, since it cancels offset errors in the scale and error amplifier
circuits.
11
Submit Documentation Feedback


Similar Part No. - TPS54314MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54314MPWPREP TI1-TPS54314MPWPREP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54314MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com