Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4261-10AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4261-10AI
Description  16K/32K x 9 Deep Sync FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261-10AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4261-10AI Datasheet HTML 1Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 2Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 3Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4261-10AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
16K/32K x 9 Deep Sync FIFOs
CY7C4261
CY7C4271
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-06015 Rev. *B
Revised August 21, 2003
Features
• High-speed, low-power, first-in first-out (FIFO)
memories
• 16K × 9 (CY7C4261)
• 32K × 9 (CY7C4271)
• 0.5-micron CMOS for optimum speed/power
• High-speed 100-MHz operation (10-ns read/write cycle
times)
• Low power — ICC = 35 mA
• Fully asynchronous and simultaneous read and write
operation
• Empty, Full, Half Full, and programmable Almost Empty
and Almost Full status flags
• TTL-compatible
• Output Enable (OE) pins
• Independent read and write enable pins
• Center power and ground pins for reduced noise
• Supports free-running 50% duty cycle clock inputs
• Width-Expansion Capability
• Military temp SMD Offering – CY7C4271-15LMB
• 32-pin PLCC/LCC and 32-pin TQFP
• Pin-compatible density upgrade to CY7C42X1 family
• Pin-compatible density upgrade to
IDT72201/11/21/31/41/51
Functional Description
The
CY7C4261/71
are
high-speed,
low-power
FIFO
memories with clocked read and write interfaces. All are nine
bits wide. The CY7C4261/71 are pin-compatible to the
CY7C42X1 Synchronous FIFO family. The CY7C4261/71 can
be cascaded to increase FIFO width. Programmable features
include Almost Full/Almost Empty flags. These FIFOs provide
solutions for a wide variety of data buffering needs, including
high-speed data acquisition, multiprocessor interfaces, and
communications buffering.
These FIFOs have 9-bit input and output ports that are
controlled by separate clock and enable signals. The input port
is controlled by a free-running clock (WCLK) and two
write-enable pins (WEN1, WEN2/LD).
When WEN1 is LOW and WEN2/LD is HIGH, data is written
into the FIFO on the rising edge of the WCLK signal. While
WEN1, WEN2/LD is held active, data is continually written into
the FIFO on each WCLK cycle. The output port is controlled in
a similar manner by a free-running read clock (RCLK) and two
read enable pins (REN1, REN2). In addition, the CY7C4261/71
has an output enable pin (OE). The read (RCLK) and write
(WCLK) clocks may be tied together for single-clock operation
or the two clocks may be run independently for asynchronous
read/write applications. Clock frequencies up to 100 MHz are
achievable. Depth expansion is possible using one enable
input for system control, while the other enable is controlled by
expansion logic to direct the flow of data.
Logic Block Diagram
Pin Configuration
THREE-STATE
OUTPUT REGISTER
READ
CONTROL
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
INPUT
REGISTER
FLAG
PROGRAM
REGISTER
D0 − 8
RCLK
EF
PAE
PAF
Q0 − 8
WEN1
WCLK
RS
OE
RAM
ARRAY
16K x 9
32K x 9
WEN2/LD
REN1 REN2
FF
PLCC/LCC
D1
D0
RCLK
VCC
GND
WCLK
WEN2/LD
Q8
Q7
PAF
PAE
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
REN1
OE
REN2
4321
31 30
32
D1
D0
RCLK
GND
PAF
PAE
REN1
REN2
21
22
23
24
27
28
29
25
26
14 15 16 17 18 19 20
17
18
19
20
21
22
23
24
14 15 16
910 11 12 13
31 30
32
29 28 27
25
26
Q6
Q5
WEN1
RS
VCC
WCLK
WEN2/LD
Q8
Q7
Q6
Q5
WEN1
TQFP
Top View
Top View
CY7C4261
CY7C4271
CY7C4261
CY7C4271


Similar Part No. - CY7C4261-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261-10AI CYPRESS-CY7C4261-10AI Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4261-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com