Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54316-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54316-EP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54316-EP Datasheet(HTML) 4 Page - Texas Instruments

  TPS54316-EP Datasheet HTML 1Page - Texas Instruments TPS54316-EP Datasheet HTML 2Page - Texas Instruments TPS54316-EP Datasheet HTML 3Page - Texas Instruments TPS54316-EP Datasheet HTML 4Page - Texas Instruments TPS54316-EP Datasheet HTML 5Page - Texas Instruments TPS54316-EP Datasheet HTML 6Page - Texas Instruments TPS54316-EP Datasheet HTML 7Page - Texas Instruments TPS54316-EP Datasheet HTML 8Page - Texas Instruments TPS54316-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Package Dissipation Ratings
(1) (2)
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN, SS/ENA, FSEL
–0.3
7
RT
–0.3
6
VI
Input voltage range
V
VSENSE
–0.3
4
BOOT
–0.3
17
VBIAS, PWRGD, COMP
–0.3
7
VO
Output voltage range
V
PH
–0.6
10
PH
Internally Limited
IO
Source current
COMP, VBIAS
6
mA
PH
6
A
Sink current
COMP
6
mA
SS/ENA,PWRGD
10
mA
Voltage differential
AGND to PGND
±0.3
V
TJ
Operating virtual junction temperature range
–55
150
°C
Tstg
Storage temperature
–65
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VI
Input voltage range
3
6
V
TJ
Operating junction temperature
–55
125
°C
THERMAL IMPEDANCE
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
POWER RATING
POWER RATING
POWER RATING
20-Pin PWP with solder
26
°C/W
3.85 W(3)
2.12 W
1.54 W
20-Pin PWP without solder
57.5
°C/W
1.73 W
0.96 W
0.69 W
(1)
For more information on the PWP package, see the Texas Instruments technical brief (SLMA002).
(2)
Test board conditions:
a.
3 in
× 3 in, 2 layers, Thickness: 0.062 in
b.
1.5 oz copper traces located on the top of the PCB
c.
1.5 oz copper ground plane on the bottom of PCB
d.
Ten thermal vias (see the recommended land pattern in the Applications section of this data sheet)
(3)
Maximum power dissipation may be limited by overcurrent protection.
4
Submit Documentation Feedback


Similar Part No. - TPS54316-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54316-Q1 TI1-TPS54316-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54316-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com