Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9675801QXA Datasheet(PDF) 11 Page - Texas Instruments

Part # 5962-9675801QXA
Description  Video Interface Palette
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9675801QXA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9675801QXA Datasheet HTML 7Page - Texas Instruments 5962-9675801QXA Datasheet HTML 8Page - Texas Instruments 5962-9675801QXA Datasheet HTML 9Page - Texas Instruments 5962-9675801QXA Datasheet HTML 10Page - Texas Instruments 5962-9675801QXA Datasheet HTML 11Page - Texas Instruments 5962-9675801QXA Datasheet HTML 12Page - Texas Instruments 5962-9675801QXA Datasheet HTML 13Page - Texas Instruments 5962-9675801QXA Datasheet HTML 14Page - Texas Instruments 5962-9675801QXA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
1–6
1.5
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
HSYNCOUT,
VSYNCOUT
69,
70
O
Horizontal and vertical sync outputs. These outputs are pipeline delayed
versions of the selected sync inputs. Output polarity inversion may be
independently selected using general control register bits GCR(1,0).
IOR,
IOG,
IOB
72,
74,
76
O
Analog current outputs. These outputs can drive a 37.5-
Ω load directly (doubly
terminated 75-
Ω line), thus eliminating the requirement for any external buffering.
GI/O4 –
GI/O0
59 – 61,
63, 64
I/O
Software programmable general I/O terminals that can be used to control
external devices.
LCLK
126
I
Latch clock input. LCLK is used to latch pixel-bus-input data and system video
controls. VGA data may also be latched with LCLK if so selected. LCLK may be
a delayed version of RCLK provided that linear phase changes in RCLK cause
corresponding linear phase changes in LCLK.
MCLK
124
O
Memory clock output. MCLK is the output of an independently programmable
PLL frequency synthesizer. The frequency range is 14 – 100 MHz. The dot clock
may be output on this terminal while the MCLK frequency is reprogrammed. See
Section 2.4.2.1.
PCLKOUT
148
O
Pixel clock PLL output. PCLKOUT is a buffered version of the pixel clock PLL
output and is mainly for test purposes. This output is independent of the dot clock
source selected by the clock selection register.
PLLGND
146
Ground for PLL supplies. Decoupling capacitors should be connected between
PLLVDD and PLLGND. PLLGND should be connected to the system ground
through a ferrite bead.
PLLVDD
147, 150
PLL power supply. PLLVDD must be a well regulated 5 V power supply voltage.
Decoupling capacitors should be connected between PLLVDD and PLLGND.
Terminal 143 supplies power to the pixel clock PLL. Terminal 146 supplies power
to the MCLK PLL and the loop clock PLL.
OVS
98
I
Overscan input. OVS is used to control the display of custom screen borders. If
OVS is not used, it should be connected to GND.
ODD/EVEN
125
I
Odd or even field display. ODD/EVEN indicates odd or even field during
interlaced display for cursor operation. Logic 0 indicates the even field and logic
1 indicates the odd field. See Section 2.7.4 for cursor operation in interlace mode.
PLLSEL0,
PLLSEL1
1,
164
I
Pixel clock PLL frequency selection. Selects among two fixed frequencies and
the programmed frequency of the pixel clock PLL.
PSEL
99
I
Port select. PSEL provides the capability of switching between direct color and
true color or overlay. Multiple true color or overlay windows may be displayed
using the PSEL control. Since PSEL is sampled with LCLK, the granularity for
switching dependes on the number of pixels loaded per LCLK. If PSEL is not
used, it should be connected to GND.
P33–P16
P19–P18
P22–P0
P63–P57
P56–P48
P47–P44
P43–P34
3 – 16,
19, 20,
22 – 39,
113 – 119,
130 – 138,
141 – 145,
153 – 162
I
Pixel input port. The port can be used in various modes as described in
Section 2.6. Unused terminals should not be allowed to float.
† All unused inputs should be tied to a logic level and not be allowed to float.


Similar Part No. - 5962-9675801QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9675101QCA TI1-5962-9675101QCA Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
5962-9675101QDA TI1-5962-9675101QDA Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
5962-9675901QYA TI1-5962-9675901QYA Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - 5962-9675801QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com