Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371I-110AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C371I-110AI
Description  UltraLogic 32-Macrocell Flash CPLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371I-110AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C371I-110AI Datasheet HTML 3Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 4Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 5Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 6Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 7Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 8Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 9Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 10Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C371i
Document #: 38-03032 Rev. *A
Page 7 of 12
Reset/Preset Parameters
tRW
Asynchronous Reset Width[8]
810
15
20
ns
tRR
Asynchronous Reset Recovery Time[8]
10
12
17
22
ns
tRO
Asynchronous Reset to Output[1]
14
16
21
26
ns
tPW
Asynchronous Preset Width[8]
810
15
20
ns
tPR
Asynchronous Preset Recovery Time[8]
10
12
17
22
ns
tPO
Asynchronous Preset to Output[1]
14
16
21
26
ns
Tap Controller Parameters
fTAP
Tap Controller Frequency
500
500
500
500
kHz
3.3V I/O Mode Parameters
t3.3IO
3.3V I/O mode timing adder
1
1
1
1
ns
Switching Characteristics Over the Operating Range (continued)[12]
Parameter
Description
7C371i
−143
7C371i
−110
7C371i
−83
7C371iL
−83
7C371i
−66
7C371iL
−66
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Switching Waveforms
Combinatorial Output
tPD
INPUT
COMBINATORIAL
OUTPUT
Latched Output
tS
INPUT
LATCH ENABLE
tCO
LATCHED
OUTPUT
tH
tPDL
Registered Input
tIS
REGISTERED
INPUT
INPUT REGISTER
CLOCK
tICO
COMBINATORIAL
OUTPUT
tIH
CLOCK
tWL
tWH


Similar Part No. - CY7C371I-110AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110AC CYPRESS-CY7C371-110AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110JC CYPRESS-CY7C371-110JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143AC CYPRESS-CY7C371-143AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143JC CYPRESS-CY7C371-143JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371I-110AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com