Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC27M4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4
Description  PRECISION QUAD OPERATIONAL AMPLIFIERS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC27M4 Datasheet HTML 1Page - Texas Instruments TLC27M4 Datasheet HTML 2Page - Texas Instruments TLC27M4 Datasheet HTML 3Page - Texas Instruments TLC27M4 Datasheet HTML 4Page - Texas Instruments TLC27M4 Datasheet HTML 5Page - Texas Instruments TLC27M4 Datasheet HTML 6Page - Texas Instruments TLC27M4 Datasheet HTML 7Page - Texas Instruments TLC27M4 Datasheet HTML 8Page - Texas Instruments TLC27M4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage, VDD
(2)
18
V
Differential input voltage, VID
(3)
±VDD
Input voltage range, VI (any input)
–0.3 V to VDD
Input current, II
±5
mA
Output current, lO (each output)
±30
mA
Total current into VDD
45
mA
Total current out of GND
45
mA
Duration of short-circuit current at (or below) 25°C(4)
unlimited
Continuous total dissipation
See Dissipation Rating Table
C suffix
0 to 70
°C
Operating free-air temperature, TA
I suffix
–40 to 85
°C
M suffix
–55 to 125
°C
Storage temperature range
–65 to 150
°C
Case temperature for 60 seconds: FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or PW package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground.
(3)
Differential voltages are at IN+ with respect to IN –.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded (see application section).
DISSIPATION RATINGS
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
950 mW
7.6 mW/°C
608 mW
494 mW
FK
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
J
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
N
1575 mW
12.6 mW/°C
1008 mW
819 mW
PW
700 mW
5.6 mW/°C
448 mW
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VDD
3
16
4
16
4
16
V
VDD = 5 V
–0.2
3.5
–0.2
3.5
0
3.5
Common mode input voltage, VIC
V
VDD = 10 V
–0.2
8.5
–0.2
8.5
0
8.5
Operating free-air temperature, TA
0
70
–40
85
–55
125
°C
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9


Similar Part No. - TLC27M4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI1-TLC27M4 Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M41 TI-TLC27M41 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014DMDWG4 TI-LT1014DMDWG4 Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014 TI-LT1014 Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014 TI1-LT1014_17 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com