Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54310 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54310
Description  3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54310 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54310_16 Datasheet HTML 5Page - Texas Instruments TPS54310_16 Datasheet HTML 6Page - Texas Instruments TPS54310_16 Datasheet HTML 7Page - Texas Instruments TPS54310_16 Datasheet HTML 8Page - Texas Instruments TPS54310_16 Datasheet HTML 9Page - Texas Instruments TPS54310_16 Datasheet HTML 10Page - Texas Instruments TPS54310_16 Datasheet HTML 11Page - Texas Instruments TPS54310_16 Datasheet HTML 12Page - Texas Instruments TPS54310_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Falling
Edge
Deglitch
Enable
Comparator
1.2 V
VIN
2.95 V
Hysteresis: 0.03
V
2.5 ms
Falling
and
Rising
Edge
Deglitch
2.5 ms
VIN UVLO
Comparator
Hysteresis: 0.16
V
Internal/External
Slow-start
(Internal Slow-start Time = 3.35 ms
Reference
VREF = 0.891 V
+
Error
Amplifier
Thermal
Shutdown
150°C
SHUTDOWN
SS_DIS
PWM
Comparator
OSC
Leading
Edge
Blanking
100 ns
R
Q
S
Adaptive Dead-Time
and
Control Logic
SHUTDOWN
30 mW
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
CO
PGND
PWRGD
Falling
Edge
Deglitch
35 ms
VSENSE
SHUTDOWN
0.90 Vref
Hysteresis: 0.03 Vref
Powergood
Comparator
AGND
VBIAS
ILIM
Comparator
3 − 6 V
VO
SYNC
RT
COMP
VSENSE
SS/ENA
TPS54610
30 mW
LOUT
TPS54310
www.ti.com
SLVS412E – DECEMBER 2001 – REVISED DECEMBER 2014
8 Detailed Description
8.1 Overview
As a member of the SWIFT family of dc/dc regulators, the TPS54310 low-input-voltage high- output-current
synchronous-buck PWM converter integrates all required active components. Included on the substrate with the
listed features are a true, high performance, voltage error amplifier that provides high performance under
transient conditions; an undervoltage-lockout circuit to prevent start-up until the input voltage reaches 3 V; an
internally and externally set slow-start circuit to limit in-rush currents; and a power good output useful for
processor/logic reset, fault signaling, and supply sequencing.
8.2 Functional Block Diagram
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54310


Similar Part No. - TPS54310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com