Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9162304MXA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9162304MXA
Description  GRAPHICS SYSTEM PROCESSOR
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9162304MXA Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9162304MXA Datasheet HTML 3Page - Texas Instruments 5962-9162304MXA Datasheet HTML 4Page - Texas Instruments 5962-9162304MXA Datasheet HTML 5Page - Texas Instruments 5962-9162304MXA Datasheet HTML 6Page - Texas Instruments 5962-9162304MXA Datasheet HTML 7Page - Texas Instruments 5962-9162304MXA Datasheet HTML 8Page - Texas Instruments 5962-9162304MXA Datasheet HTML 9Page - Texas Instruments 5962-9162304MXA Datasheet HTML 10Page - Texas Instruments 5962-9162304MXA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
SMJ34020A
GRAPHICS SYSTEM PROCESSOR
SGUS011D -- APRIL 1991 -- REVISED SEPTEMBER 2004
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE
DESCRIPTION
POWER
VCC‡
I
Nominal 5-V power supply inputs. Five pins on QFP; Nine pins on PGA.
VSS‡
I
Electrical ground inputs. Nine pins on QFP; 17 pins on PGA.
EMULATION CONTROL
EMU0--EMU2
I
Emulation pins 0--2
EMU3
O
Emulation pin 3
MULTIPROCESSOR INTERFACE
GI
I
Bus grant input. External bus arbitration logic drives GI low to enable the SMJ34020A to gain access to the
local-memory bus. The SMJ34020A must release the bus if GI is high so that another device can access the bus.
R1, R0
O
Bus request and control. R1 and R0 indicate a request for use of the bus in a multiprocessor system; they are
decoded as shown below:
R1 R0
Bus Request Type
L
L
High-priority bus request
L
H
Bus-cycle termination
H
L
Low-priority bus request
H
H
No bus request pending
A high-priority bus request provides for VRAM serial-data-register transfer cycles (midline or blanked), DRAM
refresh (when 12 or more refresh cycles are pending), or a host-initiated access. The external arbitration logic
should grant the request as soon as possible by asserting GI low.
A low-priority bus request is used to provide for CPU-requested access and DRAM refresh (when less than
12 refresh cycles are pending).
Bus-cycle termination status is provided so that the arbitration logic can determine that the device currently
accessing the bus is completing an access, and other devices can compete for the next bus cycle. A
no-bus-request-pending status is output when the currently active device does not require the bus on subsequent
cycles.
VIDEO INTERFACE
CBLNK / VBLNK
O
Composite blanking/vertical blanking. CBLNK / VBLNK can be programmed to select one of two blanking
functions:
Composite blanking for blanking the display during both horizontal and vertical retrace periods in
composite-sync-video mode
Vertical blanking for blanking the display during vertical retrace in separate-sync-video mode.
Immediately following reset, CBLNK / VBLNK is configured as a CBLNK output.
CSYNC / HBLNK
I/O
Composite sync/horizontal blanking. CSYNC /HBLNK can be programmed to select one of two functions:
Composite sync (either input or output as set by a control bit in the DPYCTL register) in
composite-sync-video mode:
As an input, extracts HSYNC and VSYNC from externally generated horizontal sync pulses
As an output, CSYNC /HBLNK generates active-low composite-sync pulses from either externally
generated HSYNC and VSYNC signals or signals generated by the SMJ34020A’s on-chip video timers
Horizontal blank (output only) for blanking the display during horizontal retrace in separate-sync-video
mode.
Immediately following reset, CSYNC /HBLNK is configured as a CSYNC input.
I = input, O = output
For proper SMJ34020A operation, all VCC and VSS pins must be connected externally.


Similar Part No. - 5962-9162304MXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9162701M2A TI1-5962-9162701M2A Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
5962-9162701MCA TI1-5962-9162701MCA Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
More results

Similar Description - 5962-9162304MXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com