Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM73-151R5LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM73-151R5LF
Description  Shielded Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM73-151R5LF Datasheet(HTML) 2 Page - Bi technologies

  HM73-151R5LF Datasheet HTML 1Page - Bi technologies HM73-151R5LF Datasheet HTML 2Page - Bi technologies HM73-151R5LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Low Profile
Surface Mount Inductors
MODEL HM73
Make Possible
OrderingInformation
Packaging
Specifications@25°C(continued)
Part Number
Inductance
100 kHz 0.1V
I
rated
(1)
Rated
Current
Amps
Heating(2)
Current
Amps
I
sat
(3)
Saturation
Current
Amps
DC Resistance
Height C
Inch/mm
Max.
Figure
@ 0 Adc
μH ± 20%
@ I
rated
μH Typ.
mΩ Typ.
mΩ Max.
HM73-40R50LF
0.50
0.46
40.0
40.0
49.0
0.80
1.00
.256/6.50
1
HM73-40R90LF
0.90
0.80
25.0
28.8
40.0
1.20
1.40
.256/6.50
1
HM73-402R2LF
2.20
1.90
15.0
20.8
27.0
2.30
2.60
.256/6.50
1
HM73-403R0LF
3.00
2.40
17.0
19.0
23.0
3.90
4.70
.256/6.50
1
HM73-403R3LF
3.30
2.64
17.0
21.0
24.0
3.30
4.20
.276/7.00
1
HM73-509R1LF
9.10
7.40
8.0
10.5
15.0
9.10
10.80
.295/7.50
1
HM73-50100LF
10.0
8.00
8.0
10.2
15.0
9.60
11.40
.295/7.50
1
HM73-50120LF
12.0
10.59
7.0
8.7
13.0
13.00
15.00
.295/7.50
1
HM73-50140LF
14.0
12.00
5.5
9.5
10.0
11.00
13.20
.335/8.50
1
HM73-5015R5LF
15.5
13.00
5.0
9.9
10.0
15.00
18.20
.315/8.00
1
HM73-5020R9LF
20.9
17.00
4.5
8.0
8.0
16.00
19.00
.335/8.50
1
HM73-5026R5LF
26.5
22.50
4.6
7.0
8.8
21.00
25.20
.355/9.00
1
HM73-601R0LF
1.00
0.80
30.0
38.0
45.0
1.00
1.20
.287/7.30
1
HM73-602R02LF
2.02
1.62
20.0
28.0
28.0
1.85
2.22
.323/8.20
1
Notes: (1) The rated current is the approximate current at which inductance will be decreased by 20% from its initial (zero DC) value.
(2) The Heating Current is the DC current which causes the component temperature to increase by approximately 50°C. This current is determined
by soldering the component on a typical application PCB, and then applying the current to the component for 30 minutes.
(3) Isat is the saturation current at which inductance rolls off approximately 30% from its initial unbiased inductance value.
(4) PC Board layout, proximity of other components, trace size and airflow will affect temperature rise and must be considered
when selecting an inductor.
Standard:
Embossed Tape and Reel
(1) Case size 10, 10L & 12
Reel:
Diameter:
7”(177.8mm)
13” (330.2mm)
Capacity:
=
250 Units
1000 Units
(2) Other case sizes
Reel:
Diameter:
Case size 15, 20, 30, 31, 40, 50, 60
=
13” (330.2mm)
Capacity:
Case size 20, 30, 31, 40 *
=
400 Units
Case size 15
=
500 Units
Case size 50, 60
=
250 Units
* Except for HM73-403R3LFTR13 which is 300 units per reel.
HM73 - S 12 1R0 LF TR13
Model Series
Type
S _ Low loss core material
(No code used for normal material)
Case Size:
10, 31 = Figure 2
10, 10L, 12, 15, 20, 30, 40, 50, 60 = Figure 1
Tape & Reel Packing
7 – 7” reel
13 – 13” reel
Lead Free
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros. For values below 10μH,
“R“ denotes the decimal point.
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM73-151R5LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM73-151R5LF BITECH-HM73-151R5LF Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73-151R5LF TTELEC-HM73-151R5LF Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
More results

Similar Description - HM73-151R5LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com