Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51-5R6KLF Datasheet(PDF) 1 Page - Bi technologies

Part # HM51-5R6KLF
Description  Axially Leaded Miniature Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM51-5R6KLF Datasheet(HTML) 1 Page - Bi technologies

  HM51-5R6KLF Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
Number
Inductance
Nominal (1)
μH ±10%
DC
Resistance
Ω Max.
Rated
IDC (2)
Amps
INCR
IDC (3)
Amps
Part
Number
Inductance
Nominal (1)
μH ±10%
DC
Resistance
Ω Max.
Rated
IDC (2)
Amps
INCR
IDC (3)
Amps
HM51-3R9KLF
3.9
0.007
8.40
15.5
HM51-221KLF
220
0.162
1.76
1.89
HM51-4R7KLF
4.7
0.008
7.90
13.9
HM51-271KLF
270
0.208
1.55
1.63
HM51-5R6KLF
5.6
0.011
6.70
12.6
HM51-331KLF
330
0.212
1.53
1.51
HM51-6R8KLF
6.8
0.011
6.70
11.6
HM51-391KLF
390
0.281
1.33
1.39
HM51-8R2KLF
8.2
0.013
6.20
9.89
HM51-471KLF
470
0.38
1.15
1.24
HM51-100KLF
10
0.017
5.40
8.70
HM51-561KLF
560
0.42
1.10
1.17
HM51-120KLF
12
0.019
5.10
8.21
HM51-681KLF
680
0.548
0.96
1.05
HM51-150KLF
15
0.022
4.70
7.34
HM51-821KLF
820
0.655
0.87
0.97
HM51-180KLF
18
0.023
4.70
6.64
HM51-102KLF
1,000
0.844
0.77
0.87
HM51-220KLF
22
0.026
4.40
6.07
HM51-122KLF
1,200
1.04
0.70
0.79
HM51-270KLF
27
0.027
4.30
5.36
HM51-152KLF
1,500
1.18
0.65
0.7
HM51-330KLF
33
0.032
4.00
4.82
HM51-182KLF
1,800
1.56
0.57
0.64
HM51-390KLF
39
0.033
3.90
4.36
HM51-222KLF
2,200
2.00
0.50
0.58
HM51-470KLF
47
0.035
3.80
3.98
HM51-272KLF
2,700
2.06
0.50
0.53
HM51-560KLF
56
0.037
3.70
3.66
HM51-332KLF
3,300
2.63
0.44
0.47
HM51-680KLF
68
0.047
3.30
3.31
HM51-392KLF
3,900
2.75
0.43
0.43
HM51-820KLF
82
0.06
2.90
3.10
HM51-472KLF
4,700
3.19
0.40
0.39
HM51-101KLF
100
0.09
2.30
2.79
HM51-562KLF
5,600
3.92
0.36
0.359
HM51-121KLF
120
0.113
2.10
2.54
HM51-682KLF
6,800
5.69
0.30
0.322
HM51-151KLF
150
0.129
2.00
2.22
HM51-822KLF
8,200
6.32
0.28
0.293
HM51-181KLF
180
0.15
1.80
1.98
HM51-103KLF
10,000
7.30
0.26
0.266
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
35
HM51-3R9KLF
3.9
.007
8.40
15.5
HM51-4R7KLF
4.7
.008
7.90
13.9
HM51-5R6KLF
5.6
.011
6.70
12.6
HM51-6R8KLF
6.8
.011
6.70
11.6
HM51-8R2KLF
8.2
.013
6.20
9.89
HM51-100KLF
10
.017
5.40
8.70
HM51-120KLF
12
.019
5.10
8.21
HM51-150KLF
15
.022
4.70
7.34
HM51-180KLF
18
.023
4.70
6.64
HM51-220KLF
22
.026
4.40
6.07
HM51-270KLF
27
.027
4.30
5.36
HM51-330KLF
33
.032
4.00
4.82
HM51-390KLF
39
.033
3.90
4.36
HM51-470KLF
47
.035
3.80
3.98
HM51-560KLF
56
.037
3.70
3.66
HM51-680KLF
68
.047
3.30
3.31
HM51-820KLF
82
.060
2.90
3.10
HM51-101KLF
100
.090
2.30
2.79
HM51-121KLF
120
.113
2.10
2.54
HM51-151KLF
150
.129
2.00
2.22
HM51-181KLF
180
.150
1.80
1.98
HM51-221KLF
220
.162
1.76
1.89
HM51-271KLF
270
.208
1.55
1.63
HM51-331KLF
330
.212
1.53
1.51
HM51-391KLF
390
.281
1.33
1.39
HM51-471KLF
470
.380
1.15
1.24
HM51-561KLF
560
.420
1.10
1.17
HM51-681KLF
680
.548
0.96
1.05
HM51-821KLF
820
.655
0.87
0.97
HM51-102KLF
1,000
.844
0.77
0.87
HM51-122KLF
1,200
1.04
0.70
0.79
HM51-152KLF
1,500
1.18
0.65
0.70
HM51-182KLF
1,800
1.56
0.57
0.64
HM51-222KLF
2,200
2.00
0.50
0.58
HM51-272KLF
2,700
2.06
0.50
0.53
HM51-332KLF
3,300
2.63
0.44
0.47
HM51-392KLF
3,900
2.75
0.43
0.43
HM51-472KLF
4,700
3.19
0.40
0.39
HM51-562KLF
5,600
3.92
0.36
0.359
HM51-682KLF
6,800
5.69
0.30
0.322
HM51-822KLF
8,200
6.32
0.28
0.293
HM51-103KLF
10,000
7.30
0.26
0.266
Outline Dimensions (Inch / mm)
Notes: (1) Inductance is measured at 1kHz without DC current.
(2) The rated DC current is based on an approximate 20°C temperature rise.
(3) The incremental current (INCR I) is the approximate current at which the inductance will be decreased by 5% from its initial (zero DC) value
due to saturation.
Specifications @ 25°C
Inductance
DC
Rated
INCR
Part
Nominal (1) Resistance
IDC (2)
IDC (3)
Number
µH ± 10%
W
Max.
Amps
Amps
Inductance
DC
Rated
INCR
Part
Nominal (1) Resistance
IDC (2)
IDC (3)
Number
µH ± 10%
W
Max.
Amps
Amps
Max.
• Inductance Range
3.9µH to 10,000µH
• StandardTolerance
±10%
• OperatingTemperatureRange
-55C to +105°C
Axially Leaded Miniature Power Inductors
Electrical / Environmental
Inductance Code:
First2digitsaresignificant.Lastdigitdenotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
Inductance Tolerance:
J = ±5%
K = ±10%
M = ±20%
Model Series
HM51 - 330 K LF
LeadFree
Packaging
Capacity = 800 Units
Standard: Boxes
Ordering Information
HM51
RoHS
Compliant
Axially Leaded Miniature
Power Inductors
Model HM51
Make Possible
Magnetics
Features and Benefits
Inductance Range 3.9μH to 10,000μH
Standard Tolerance ±10%
Operating Temperature Range -55C to +105°C
RoHS Compliant
Notes:(1) Inductance is measured at 1kHz without DC current.
(2) The rated DC current is based on an approximate 20°C temperature rise.
(3) The incremental current (INCR I) is the approximate current at which the inductance will be decreased by 5% from its initial (zero DC) value due to saturation.
Specification @ 25°C
Outline Dimensions (Inch / mm)
Packaging
Standard
Boxes
Capacity = 800Units
Ordering Information
Model Series
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, “R” denotes the decimal point.
HM51 - 330 K LF
Lead-Free
Inductance Tolerance:
J = ±5%
K = ±10%
M = ±20%
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM51-5R6KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM51-5R6KLF BITECH-HM51-5R6KLF Datasheet
257Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM51-5R6KLF TTELEC-HM51-5R6KLF Datasheet
638Kb / 1P
   Axially Leaded Miniature Power Inductors
More results

Similar Description - HM51-5R6KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM51 TTELEC-HM51 Datasheet
638Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
Bi technologies
HM51 BITECH-HM51 Datasheet
257Kb / 1P
   Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
   Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
   Self Leaded Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
   Miniature Leaded Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com