Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM77-18004LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM77-18004LF
Description  Low Profile Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM77-18004LF Datasheet(HTML) 2 Page - Bi technologies

  HM77-18004LF Datasheet HTML 1Page - Bi technologies HM77-18004LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Profile Surface Mount Inductors
Model HM77
Make Possible
Outline Dimensions (Inch/mm) / Packaging
Case Size
A
B
C
D
E
F
G
Reel
Capacity Figure
1
.340
.340
.250 .260 .330
.270
.060
500
1
8.64
8.64
6.35 6.60 8.38
6.86
1.52
2
.447
.447
.350 .350 .425
.360
.060
350
1
11.35 11.35 8.89 8.89 10.80 9.14
1.52
3
.571
.571
.350 .450 .550
.460
.100
350
2
14.50 14.50 8.89 11.43 13.97 11.68 2.54
4
.625
.600
.360 .500 .580
.510
.100
200
2
15.88 15.24 9.14 12.70 14.73 12.95 2.54
5
.725
.585
.360 .610 .580
.610
.100
200
2
18.40 14.90 9.14 15.50 14.73 15.50 2.54
6
.805
.710
.445 .680 .690
.690
.100
150
2
20.40 18.03 11.30 17.27 17.53 17.53 2.54
7
.669
.669
.400 .560 .665
.560
.100
200
2
17.00 17.00 10.16 14.22 16.89 14.22 2.54
Notes:
(1) For case size 1 to 6, the reel capacity is for part number ending with suffix ‘LFTR’.
(2) For case size 7, the reel capacity is for part number ending with suffix ‘ALFTR’
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
107
Ordering Information
Outline Dimensions (Inch/mm) / Packaging
Case Size
Model Series
Model Description
Tape & 13” Reel Packing
Lead-Free
HM77 - 100 01 LF TR
Figure 1
Figure 2
Coplanarity
Notes:
(1) For case size 1 to 6, the reel capacity is for part number ending with suffix ‘LFTR’.
(2) For case size 7, the reel capacity is for part number ending with suffix ‘ALFTR’
Case size
A
B
C
D
E
F
G
Reel
Capacity
1
2
3
4
5
6
7
.340
8.64
.447
11.35
.571
14.50
.625
15.88
.725
18.40
.805
20.40
.669
17.00
500
350
350
200
200
150
200
1
1
2
2
2
2
2
Figure
.340
8.64
.447
11.35
.571
14.50
.600
15.24
.585
14.90
.710
18.03
.669
17.00
.250
6.35
.350
8.89
.350
8.89
.360
9.14
.360
9.14
.445
11.30
.400
10.16
.260
6.60
.350
8.89
.450
11.43
.500
12.70
.610
15.50
.680
17.27
.560
14.22
.330
8.38
.425
10.80
.550
13.97
.580
14.73
.580
14.73
.690
17.53
.665
16.89
.270
6.86
.360
9.14
.460
11.68
.510
12.95
.610
15.50
.690
17.53
.560
14.22
.060
1.52
.060
1.52
.100
2.54
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended
Solder Pad Layout
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
107
Ordering Information
Outline Dimensions (Inch/mm) / Packaging
Case Size
Model Series
Model Description
Tape & 13” Reel Packing
Lead-Free
HM77 - 100 01 LF TR
Figure 1
Figure 2
Coplanarity
Notes:
(1) For case size 1 to 6, the reel capacity is for part number ending with suffix ‘LFTR’.
(2) For case size 7, the reel capacity is for part number ending with suffix ‘ALFTR’
Case size
A
B
C
D
E
F
G
Reel
Capacity
1
2
3
4
5
6
7
.340
8.64
.447
11.35
.571
14.50
.625
15.88
.725
18.40
.805
20.40
.669
17.00
500
350
350
200
200
150
200
1
1
2
2
2
2
2
Figure
.340
8.64
.447
11.35
.571
14.50
.600
15.24
.585
14.90
.710
18.03
.669
17.00
.250
6.35
.350
8.89
.350
8.89
.360
9.14
.360
9.14
.445
11.30
.400
10.16
.260
6.60
.350
8.89
.450
11.43
.500
12.70
.610
15.50
.680
17.27
.560
14.22
.330
8.38
.425
10.80
.550
13.97
.580
14.73
.580
14.73
.690
17.53
.665
16.89
.270
6.86
.360
9.14
.460
11.68
.510
12.95
.610
15.50
.690
17.53
.560
14.22
.060
1.52
.060
1.52
.100
2.54
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended
Solder Pad Layout
HM77
- 100
01
LF
TR
Model Series
Model Description
Case Size
Tape & 13” Reel Packing
Lead Free
Ordering Information
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM77-18004LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77-18004LF BITECH-HM77-18004LF Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77-18004LF TTELEC-HM77-18004LF Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
More results

Similar Description - HM77-18004LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
   Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com