Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM79-10220LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM79-10220LF
Description  Low Cost Medium Power Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM79-10220LF Datasheet(HTML) 1 Page - Bi technologies

  HM79-10220LF Datasheet HTML 1Page - Bi technologies HM79-10220LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost Medium Power
Surface Mount Inductors
MODEL HM79
Make Possible
Magnetics
Features
OperatingTemperatureRange-40°Cto+125°C
OperatingFrequencyUpto3MHz
RoHSCompliant
Specifications@25°C
Part
Number
Inductance
μH ± 20% (1)
DC
Resistance
Ω Max .
Rated
Current (2)
Amps
Part
Number
Inductance
μH ± 20% (1)
DC
Resistance
Ω Max .
Rated
Current (2)
Amps
HM79-101R0LF
1.0
0.048
2.56
HM79-30330LF
33
0.170
0.85
HM79-101R4LF
1.4
0.056
2.52
HM79-30390LF
39
0.217
0.74
HM79-101R8LF
1.8
0.063
1.95
HM79-30470LF
47
0.252
0.68
HM79-102R2LF
2.2
0.071
1.75
HM79-30560LF
56
0.282
0.64
HM79-102R7LF
2.7
0.078
1.58
HM79-30680LF
68
0.332
0.59
HM79-103R3LF
3.3
0.086
1.44
HM79-30820LF
82
0.406
0.54
HM79-103R9LF
3.9
0.093
1.33
HM79-30101LF
100
0.481
0.51
HM79-104R7LF
4.7
0.108
1.15
HM79-30121LF
120
0.536
0.49
HM79-105R6LF
5.6
0.125
0.99
HM79-30151LF
150
0.755
0.40
HM79-106R8LF
6.8
0.131
0.95
HM79-30181LF
180
1.022
0.36
HM79-108R2LF
8.2
0.146
0.84
HM79-30221LF
220
1.200
0.31
HM79-10100LF
10
0.182
1.04
HM79-30271LF
270
1.306
0.29
HM79-10120LF
12
0.210
0.97
HM79-30331LF
330
1.495
0.28
HM79-10150LF
15
0.235
0.85
HM79-40100LF
10
0.07
2.30
HM79-10180LF
18
0.338
0.74
HM79-40120LF
12
0.08
2.00
HM79-10220LF
22
0.378
1.00
HM79-40150LF
15
0.09
1.80
HM79-10270LF
27
0.522
0.62
HM79-40180LF
18
0.10
1.60
HM79-10330LF
33
0.540
0.56
HM79-40220LF
22
0.11
1.50
HM79-201R0LF
1.0
0.015
8.00
HM79-40270LF
27
0.12
1.30
HM79-204R7LF
4.7
0.057
5.50
HM79-40330LF
33
0.13
1.20
HM79-206R8LF
6.8
0.060
2.00
HM79-40390LF
39
0.16
1.10
HM79-20100LF
10
0.10
1.44
HM79-40470LF
47
0.18
1.00
HM79-20120LF
12
0.12
1.40
HM79-40560LF
56
0.24
0.94
HM79-20150LF
15
0.14
1.30
HM79-40680LF
68
0.28
0.85
HM79-20180LF
18
0.15
1.23
HM79-40820LF
82
0.37
0.78
HM79-20220LF
22
0.18
1.11
HM79-40101LF
100
0.43
0.72
HM79-20270LF
27
0.20
0.97
HM79-40121LF
120
0.47
0.66
HM79-20330LF
33
0.23
0.88
HM79-40151LF
150
0.64
0.58
HM79-20390LF
39
0.32
0.80
HM79-40181LF
180
0.71
0.51
HM79-20470LF
47
0.37
0.72
HM79-40221LF
220
0.96
0.49
HM79-20560LF
56
0.42
0.68
HM79-40271LF
270
1.11
0.42
HM79-20680LF
68
0.46
0.61
HM79-40331LF
330
1.26
0.40
HM79-20820LF
82
0.60
0.58
HM79-40391LF
390
1.77
0.36
HM79-20101LF
100
0.70
0.52
HM79-40471LF
470
1.96
0.34
HM79-20121LF
120
0.93
0.48
HM79-452R3LF
2.3
0.008
9.00
HM79-20151LF
150
1.10
0.40
HM79-461R5LF
1.5
0.005
14.00
HM79-20181LF
180
1.38
0.38
HM79-50100LF
10
0.053
2.38
HM79-20221LF
220
1.57
0.35
HM79-50120LF
12
0.061
2.13
HM79-30100LF
10
0.080
1.44
HM79-50150LF
15
0.070
1.87
HM79-30120LF
12
0.089
1.39
HM79-50180LF
18
0.081
1.73
HM79-30150LF
15
0.104
1.24
HM79-50220LF
22
0.088
1.60
HM79-30180LF
18
0.111
1.12
HM79-50270LF
27
0.100
1.44
HM79-30220LF
22
0.129
1.07
HM79-50330LF
33
0.120
1.26
HM79-30270LF
27
0.153
0.94
HM79-50390LF
39
0.151
1.20
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM79-10220LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM79-10220LF TTELEC-HM79-10220LF Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
More results

Similar Description - HM79-10220LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Bi technologies
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
HM71 BITECH-HM71 Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
   LOW COST SURFACE MOUNT VCXOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com