Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM67-3216 Datasheet(PDF) 1 Page - Bi technologies

Part # HM67-3216
Description  Surface Mount Common Mode Chokes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM67-3216 Datasheet(HTML) 1 Page - Bi technologies

  HM67-3216 Datasheet HTML 1Page - Bi technologies HM67-3216 Datasheet HTML 2Page - Bi technologies HM67-3216 Datasheet HTML 3Page - Bi technologies HM67-3216 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount
Common Mode Chokes
Model HM67-3216 Series
Make Possible
Magnetics
Features
OperatingTemperatureRange-40°Cto+125°C
AmbientTemperature,Maximum85°C
TemperatureRise,Maximum40°C
RoHSCompliant
Schematics
Specifications@25°C
OutlineDimensions(mm)
Packaging
Part Number
Terminals
Common-Mode
Impedance
Z @ 100MHz
Ω ± 25%
Rated
Current
mA
DCR
Max Ω
Rated
Voltage
Vdc
Withstanding
Voltage
Vdc
Insulation
resistance
MΩ Min.
HM67-3216-900LF
1-4, 2-3
90
370
0.30
50
125
10
HM67-3216-161LF
1-4, 2-3
160
340
0.40
50
125
10
HM67-3216-261LF
1-4, 2-3
260
310
0.50
50
125
10
HM67-3216-601LF
1-4, 2-3
600
260
0.80
50
125
10
HM67-3216-102LF
1-4, 2-3
1000
230
1.00
50
125
10
HM67-3216-222LF
1-4, 2-3
2200
200
1.20
50
125
10
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
7” (177.8mm)
Capacity:
Reel Quantity
=
2,000 Units
Carton Box Quantity
=
20,000 Units
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
75
HM67-3216-900LF
1-4, 2-3
90
370
0.30
50
125
10
HM67-3216-161LF
1-4, 2-3
160
340
0.40
50
125
10
HM67-3216-261LF
1-4, 2-3
260
310
0.50
50
125
10
HM67-3216-601LF
1-4, 2-3
600
260
0.80
50
125
10
HM67-3216-102LF
1-4, 2-3
1000
230
1.00
50
125
10
HM67-3216-222LF
1-4, 2-3
2200
200
1.20
50
125
10
Reel:
Diameter:
= 7” (177.8mm)
Capacity: Reel Quantity
=
2,000 Units
Carton Box Quantity = 20,000 Units
Packaging
Standard: Embossed Tape & Reel
Schematic
• OperatingTemperatureRange
-40°Cto+125°C
• AmbientTemperature,Maximum
85°C
• TemperatureRise,Maximum
40°C
Electrical / Environmental
SurfaceMountCommonModeChokes
Specifications @ 25°C
HM67-3216
Common-Mode
Impedance
Rated
DCR
Rated
Withstanding
Insulation
Part
Z @ 100MHz
Current
Max.
Voltage
Voltage
Resistance
Number
Terminals
W ± 25%
mA
W
Vdc
Vdc
MW Min.
Outline Dimensions (mm)
Bottom View
Recommended
Solder Pad Layout
Side View
Front View
RoHS
Compliant
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
75
HM67-3216-900LF
1-4, 2-3
90
370
0.30
50
125
10
HM67-3216-161LF
1-4, 2-3
160
340
0.40
50
125
10
HM67-3216-261LF
1-4, 2-3
260
310
0.50
50
125
10
HM67-3216-601LF
1-4, 2-3
600
260
0.80
50
125
10
HM67-3216-102LF
1-4, 2-3
1000
230
1.00
50
125
10
HM67-3216-222LF
1-4, 2-3
2200
200
1.20
50
125
10
Reel:
Diameter:
= 7” (177.8mm)
Capacity: Reel Quantity
=
2,000 Units
Carton Box Quantity = 20,000 Units
Packaging
Standard: Embossed Tape & Reel
Schematic
• OperatingTemperatureRange
-40°Cto+125°C
• AmbientTemperature,Maximum
85°C
• TemperatureRise,Maximum
40°C
Electrical / Environmental
SurfaceMountCommonModeChokes
Specifications @ 25°C
HM67-3216
Common-Mode
Impedance
Rated
DCR
Rated
Withstanding
Insulation
Part
Z @ 100MHz
Current
Max.
Voltage
Voltage
Resistance
Number
Terminals
W ± 25%
mA
W
Vdc
Vdc
MW Min.
Outline Dimensions (mm)
Bottom View
Recommended
Solder Pad Layout
Side View
Front View
RoHS
Compliant


Similar Part No. - HM67-3216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM67-10510 ETC1-HM67-10510 Datasheet
699Kb / 5P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67-10510LF BITECH-HM67-10510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
List of Unclassifed Man...
HM67-10510LF ETC2-HM67-10510LF Datasheet
2Mb / 5P
   Operating Temperature Range
logo
Bi technologies
HM67-10510LF BITECH-HM67-10510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM67-10510LF TTELEC-HM67-10510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results

Similar Description - HM67-3216

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com