Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM86-10040LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM86-10040LF
Description  Magnetics Surface Mount Common Mode Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM86-10040LF Datasheet(HTML) 2 Page - Bi technologies

  HM86-10040LF Datasheet HTML 1Page - Bi technologies HM86-10040LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount
Common Mode Chokes
MODEL HM86
Make Possible
OrderingInformation
OutlineDimensions(mm)
HM86 - 1 1100 LF TR
Model Series
Case Size :
Case 1 or Case 2
Inductance Code:
Tape & Reel Packing
Lead Free
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 1
=
800 units
Case size 2
=
600 units
Packaging
Figure 2
Figure 1
Recommended Solder Pad Layouts
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM86-10040LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM86-10040LF TTELEC-HM86-10040LF Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
More results

Similar Description - HM86-10040LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM85 BITECH-HM85 Datasheet
279Kb / 2P
   Magnetics Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com