Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS60G Datasheet(PDF) 1 Page - Bi technologies

Part # PS60G
Description  Slide Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

PS60G Datasheet(HTML) 1 Page - Bi technologies

  PS60G Datasheet HTML 1Page - Bi technologies PS60G Datasheet HTML 2Page - Bi technologies PS60G Datasheet HTML 3Page - Bi technologies PS60G Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model PSxxG
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
December 7, 2009
page 1 of 4
BI technologies
Slide Potentiometer
With/Without Dust Cover
Stable Sliding Force
200,000 Cycle Life
Metal Lever
RoHS Compliant
MODEL STYLE
Dual Gang , 45mm Travel
PS45G
Dual Gang , 60mm Travel
PS60G
ELECTRICAL1
Resistance Range, Ohms
10K -1M
Standard Resistance Tolerance
± 20%
Resistance Tapers
A,B,C
Residual Resistance
Less than 1.0 ohms
Input Voltage, Maximum
300Vdc
Power rating, Watts
Linear B taper: 0.25W
Other tapers: 0.125W
Dielectric Strength
300Vac, 1 minute
Insulation Resistance, Minimum
10M ohms at 250Vdc/ 1 minute
Sliding Noise
Less than 100mV
Gang Error
±3dB (-40dB to 0dB)
MECHANICAL
Static Stop Strength, Minimum
5.0 Kgf/cm
Operating Force
50gf max.
DURABILITY
Sliding Life
200,000 cycles
1
Specifications subject to change without notice.


Similar Part No. - PS60G

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS60 ALTECH-PS60 Datasheet
128Kb / 1P
   60W Single Phase DIN Rail Power Supply PS-60 Series
logo
Bi technologies
PS60 BITECH-PS60 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Copal Electronics
PS60 COPAL-PS60 Datasheet
2Mb / 7P
   CONPOUND PRESSURE SWITCH
PS60-102R-NMCN COPAL-PS60-102R-NMCN Datasheet
96Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
PS60-102R-PMCN COPAL-PS60-102R-PMCN Datasheet
96Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
More results

Similar Description - PS60G

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
   Open Frame Slide Potentiometer
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
PTS BOURNS-PTS Datasheet
459Kb / 6P
   High Grade Slide Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com