Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBC Datasheet(PDF) 2 Page - Bi technologies

Part # RBC
Description  Analog Turns Counting Dial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

RBC Datasheet(HTML) 2 Page - Bi technologies

  RBC Datasheet HTML 1Page - Bi technologies RBC Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-13
Model RB Series
0
1 0
9 0
0
1
9
1.08
27.4
Max.
62
° Max.
5
°± 2°
Max. Possible
Level Travel
1.812
±.016
46.03
±0.41
Dia.
Dia.
1.969
±.016
50.013
±0.41
Dia.
1.12
±.02
28.5
±0.5
RBB Only
RBB Only
RBB Only
1.02
25.9
Max.
Mounting Surface
Mounting Surface, RBB Only
Mounting Nut
(Not used on RBB)
(Not used on RBB)
(Not used on RBB)
Locating Washer
.625
±.005
15.9
±0.13
.594
±.016
15.09
±0.41
+.016
-.000
+0.41
-0.00
.437
11.1
Dia.
-.005
-.000
+0.13
-0.00
.125
3.18
Dia.
Panel Hole Dimensions
OUTLINE DIMENSIONS (Inch/mm)
mm
INCH
3
Specifications subject to change without notice.


Similar Part No. - RBC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
RBC-12-D48NB-C MURATA-PS-RBC-12-D48NB-C Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
RBC-12-D48PB-C MURATA-PS-RBC-12-D48PB-C Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
Murata Manufacturing Co...
RBC-12/17-D48 MURATA-RBC-12/17-D48 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
More results

Similar Description - RBC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
H-22 BOURNS-H-22_10 Datasheet
161Kb / 1P
   Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
   Turns-Counting Dial
H-516 BOURNS-H-516 Datasheet
180Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490_04 Datasheet
31Kb / 1P
   Turns-Counting Dial
H-46 BOURNS-H-46_09 Datasheet
154Kb / 1P
   Turns-Counting Dial
logo
Bi technologies
2600 BITECH-2600 Datasheet
49Kb / 2P
   Turns Counting Dial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com