Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA726AIDGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA726AIDGKT
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA726AIDGKT Datasheet(HTML) 3 Page - Texas Instruments

  OPA726AIDGKT Datasheet HTML 1Page - Texas Instruments OPA726AIDGKT Datasheet HTML 2Page - Texas Instruments OPA726AIDGKT Datasheet HTML 3Page - Texas Instruments OPA726AIDGKT Datasheet HTML 4Page - Texas Instruments OPA726AIDGKT Datasheet HTML 5Page - Texas Instruments OPA726AIDGKT Datasheet HTML 6Page - Texas Instruments OPA726AIDGKT Datasheet HTML 7Page - Texas Instruments OPA726AIDGKT Datasheet HTML 8Page - Texas Instruments OPA726AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
3
PIN CONFIGURATIONS
(1) NC denotes no internal connection.
(2) DGND = reference voltage for Enable Reference pin. Voltage on this pin
will be the voltage to which the Enable Reference pin is referenced.
1
2
3
5
4
V+
−IN
Out
V
+IN
OPA725
SOT23−5
1
2
3
4
8
7
6
5
NC(1)
V+
OUT
NC(1)
NC(1)
−IN
+IN
V
OPA725
SO−8
1
2
3
4
8
7
6
5
V+
OUT B
−IN B
+IN B
OUT A
−IN A
+IN A
V
OPA2725
SO−8, MSOP−8
A
B
1
2
3
4
8
7
6
5
Enable
V+
OUT
NC(1)
DGND(2)
−IN
+IN
V
OPA726
SO−8, MSOP−8
1
2
3
4
5
10
9
8
7
6
V+
OUT B
−IN B
+IN B
Enable
OUT A
−IN A
+IN A
V
DGND(2)
OPA2726
MSOP−10
A
B


Similar Part No. - OPA726AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA726AIDGKT BURR-BROWN-OPA726AIDGKT Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results

Similar Description - OPA726AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com