Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA827AIDGKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA827AIDGKT
Description  Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA827AIDGKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA827AIDGKT Datasheet HTML 2Page - Texas Instruments OPA827AIDGKT Datasheet HTML 3Page - Texas Instruments OPA827AIDGKT Datasheet HTML 4Page - Texas Instruments OPA827AIDGKT Datasheet HTML 5Page - Texas Instruments OPA827AIDGKT Datasheet HTML 6Page - Texas Instruments OPA827AIDGKT Datasheet HTML 7Page - Texas Instruments OPA827AIDGKT Datasheet HTML 8Page - Texas Instruments OPA827AIDGKT Datasheet HTML 9Page - Texas Instruments OPA827AIDGKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
OPA827
SBOS376I – NOVEMBER 2006 – REVISED JULY 2016
www.ti.com
Product Folder Links: OPA827
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
at VS = ±4 V to ±18 V, TA = 25°C, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±15 V, VCM = 0 V
75
150
µV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
0.1
2
µV/°C
PSRR
Input offset voltage vs power
supply
0.2
1
µV/V
TA = –40°C to 125°C
3
INPUT BIAS CURRENT
IB
Input bias current
±3
±10
pA
TA = –40°C to 85°C
±500
pA
TA = –40°C to 125°C
±5
nA
IOS
Input Offset Current
±3
±10
pA
NOISE
en
Input Voltage Noise:
f = 0.1 Hz to 10 Hz, VS = ±18 V, VCM = 0 V
250
nVPP
Input Voltage Noise Density
f = 1 kHz, VS = ±18 V, VCM = 0 V
4
nV/
√Hz
f = 10 kHz, VS = ±18 V, VCM = 0 V
3.8
in
Input current noise density
f = 1 kHz, VS = ±18 V, VCM = 0 V
2.2
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) + 3
(V+) – 3
V
CMRR
Common-mode rejection
ratio
(V
−) + 3 V ≤ VCM ≤ (V+) − 3 V, VS < 10 V
104
114
dB
(V
−) + 3 V ≤ VCM ≤ (V+) − 3 V, VS ≥ 10 V
114
126
(V
−) + 3 V ≤ VCM ≤ (V+) − 3 V, VS < 10 V
TA = –40°C to 125°C
100
(V
−) + 3 V ≤ VCM ≤ (V+) − 3 V, VS ≥ 10 V
TA = –40°C to 125°C
110
INPUT IMPEDANCE
Differential
1013
∥ 9
Ω ∥ pF
Common-mode
1013
∥ 9
Ω ∥ pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 3 V
≤ VO ≤ (V+) – 3 V, RL = 1 kΩ
120
126
dB
(V–) + 3 V
≤ VO ≤ (V+) – 3 V, RL = 1 kΩ
TA = –40°C to 125°C
114
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = +1
22
MHz
SR
Slew rate
G = –1
20
28
V/µs
tS
Settling time
±0.01%, 10-V step, G = –1, CL = 100 pF
550
ns
0.00075% (16-bit), 10-V step, G = –1,
CL = 100 pF
850
ns
Overload recovery time
Gain = –10
150
ns
THD+N
Total Harmonic Distortion +
Noise
G = +1, f = 1 kHz
0.00004%
VO = 3 VRMS, RL = 600 Ω
–128
dB


Similar Part No. - OPA827AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA827AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com