Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMIC9531CT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # IMIC9531CT
Description  PCIX I/O System Clock Generator with EMI Control Features
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIC9531CT Datasheet(HTML) 4 Page - Cypress Semiconductor

  IMIC9531CT Datasheet HTML 1Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 2Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 3Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 4Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 5Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 6Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 7Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 8Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
C9531
Document #: 38-07034 Rev. *D
Page 4 of 10
2
0
Not used
1
0
Not used
0
1
HWSEL
Hardware/SMBus frequency control. 1 = Hardware (pins 6, 7, and 15), 0 = SMBus
Byte 0 bits 3, 4, & 6
Table 4. Clarification Table for Byte0, bit 5
Byte0, bit6
Byte0, bit5
Description
0
0
Frequency generated from second PLL
0
1
Frequency generated from XIN
1
0
Spread @ –1.0%
1
1
Spread @ –0.5%
Table 5. Test Table
Test Function Clock
Outputs
Note
CLK
REF
Frequency
XIN/4
XIN
XIN is the frequency of the clock that is present on the
XIN input during test mode.
Byte 1: CPU Register
Bit
@Pup
Name
Description
71
Reserved
61
Reserved
5
1
REFEN
REF Output Enable
0 = Disable, 1= Enable
41
Reserved
31
Reserved
21
Reserved
11
Reserved
01
Reserved
Byte 2: PCI Register
Bit
@Pup
Name
Description
71
Reserved
61
Reserved
51
Reserved
4
1
18
CLK4 Output Enable
0 = Disable, 1= Enable
3
1
19
CLK3 Output Enable
0 = Disable, 1= Enable
2
1
22
CLK2Output Enable
0 = Disable, 1= Enable
1
1
23
CLK1 Output Enable
0 = Disable, 1= Enable
0
1
24
CLK0 Output Enable
0 = Disable, 1= Enable
Byte 0: Output Register (continued)


Similar Part No. - IMIC9531CT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIC9531CT CYPRESS-IMIC9531CT Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
IMIC9531CT SILABS-IMIC9531CT Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
IMIC9531CTT CYPRESS-IMIC9531CTT Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
IMIC9531CTT SILABS-IMIC9531CTT Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - IMIC9531CT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9530 CYPRESS-C9530 Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9531 SILABS-C9531 Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com