Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA832IDR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA832IDR
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA832IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA832IDR Datasheet HTML 4Page - Texas Instruments OPA832IDR Datasheet HTML 5Page - Texas Instruments OPA832IDR Datasheet HTML 6Page - Texas Instruments OPA832IDR Datasheet HTML 7Page - Texas Instruments OPA832IDR Datasheet HTML 8Page - Texas Instruments OPA832IDR Datasheet HTML 9Page - Texas Instruments OPA832IDR Datasheet HTML 10Page - Texas Instruments OPA832IDR Datasheet HTML 11Page - Texas Instruments OPA832IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = +5V
At TA = 25°C, G = +2, and RL = 150Ω to VCM = 2V, unless otherwise noted (see Figure 1).
3
0
−3
−6
−9
−12
−15
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
400
G=
−1
G= +2
V
O =0.2VPP
R
L = 150Ω
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
SMALL−SIGNAL PULSE RESPONSE
Time (10ns/div)
G= +2V/V
R
L = 150Ω
V
O =0.2VPP
40
35
30
25
20
15
10
5
0
REQUIRED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1k
1dB Peaking Targeted
3
0
−3
−6
−9
−12
−15
LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
400
V
O =2VPP
V
O =1VPP
V
O =0.5VPP
R
L =150Ω
G = +2V/V
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
LARGE−SIGNAL PULSE RESPONSE
Time (10ns/div)
G= +2V/V
R
L =150Ω
V
O =2VPP
3
0
−3
−6
−9
−12
−15
−18
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
C
L = 1000pF
C
L = 100pF
C
L = 10pF
RS
1k
(1)
VI
CL
NOTE: (1) 1k
Ω is optional.


Similar Part No. - OPA832IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA832IDR BURR-BROWN-OPA832IDR Datasheet
471Kb / 26P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results

Similar Description - OPA832IDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA832 NSC-OPA832 Datasheet
750Kb / 30P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
logo
Texas Instruments
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
logo
Burr-Brown (TI)
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
logo
Texas Instruments
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com